Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 212 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 212 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 208Page - Microchip Technology MEC1322 Datasheet HTML 209Page - Microchip Technology MEC1322 Datasheet HTML 210Page - Microchip Technology MEC1322 Datasheet HTML 211Page - Microchip Technology MEC1322 Datasheet HTML 212Page - Microchip Technology MEC1322 Datasheet HTML 213Page - Microchip Technology MEC1322 Datasheet HTML 214Page - Microchip Technology MEC1322 Datasheet HTML 215Page - Microchip Technology MEC1322 Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 456 page
background image
MEC1322
DS00001719D-page 212
 2014 - 2015 Microchip Technology Inc.
15.9.11
GIRQ18
13
MCHP Reserved
MCHP Reserved
N
MCHP Reserved
14
PS2_0
PS2 ACT
N
PS2_0 Activity Interrupt from PS/2 Block
15
PS2_1
PS2 ACT
N
PS2_1 Activity Interrupt from PS/2 Block
16
PS2_2
PS2 ACT
N
PS2_2 Activity Interrupt from PS/2 Block
17
PS2_3
PS2 ACT
N
PS2_3 Activity Interrupt from PS/2 Block
18
RTC
RTC
Y
RTC Interrupt
19
RTC ALARM
RTC ALARM
Y
RTC Alarm Interrupt
20
HTIMER
HTIMER
Y
Signal indicating that the hibernation timer is enabled and
has expired.
21
KEYSCAN
KSC_INT
N
Keyboard Scan Interface runtime interrupt
22
KEYSCAN wake KSC_INT_WAKE
Y
Keyboard Scan Interface wake interrupt
23
RPM_INT Stall
Fan Stall Status
Interrupt
N
RPM-PWM Interface DRIVE_FAIL & FAN_SPIN indica-
tion
24
RPM_INT Spin
Fan Fail/Spin Sta-
tus Interrupt
N
RPM-PWM Interface SPIN indication
25
PFR_Status
PFR_Status
N
Power-Fail and Reset Status Register events (VBAT POR
and WDT).
26
PWM_WDT[0]
PWM_WDT
N
PWM watchdog time out interrupt from Blinking/Breathing
PWM block
27
PWM_WDT[1]
PWM_WDT
N
PWM watchdog time out interrupt from Blinking/Breathing
PWM block
28
PWM_WDT[2]
PWM_WDT
N
PWM watchdog time out interrupt from Blinking/Breathing
PWM block
29
BCM_ERR
BCM_INT Err
N
BC_LINK Master Error Flag Interrupt
30
BCM_BUSY_-
CLR
BCM_INT Busy
N
BC_LINK Master Busy Clear Flag Interrupt
31
n/a
n/a
N
See Table 15-7, "GIRQx Source Register", Table 15-8,
"GIRQx Enable Set Register", Table 15-10, "GIRQx
Enable Clear Register", and Table 15-9, "GIRQx Result
Register" for a definition of this bit for the Source, Enable,
and Result registers.
TABLE 15-21: BIT DEFINITIONS FOR GIRQ18 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description
0
SPI0 TX
TXBE_STS
N
SPI controller 0 Interrupt output to EC driven by TXBE
status bit
1SPI0 RX
RXBF_STS
N
SPI controller 0 Interrupt output to EC driven by RXBE
status bit
2
SPI1 TX
TXBE_STS
N
SPI controller 1 Interrupt output to EC driven by TXBE
status bit
3SPI1 RX
RXBF_STS
N
SPI controller 1 Interrupt output to EC driven by RXBE
status bit
4
PWM_WDT[3]
PWM_WDT
N
PWM watchdog time out interrupt from Blinking/Breathing
PWM block
5
MCHP Reserved
MCHP Reserved
N
MCHP Reserved
TABLE 15-20: BIT DEFINITIONS FOR GIRQ17 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com