Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 124Page - National Semiconductor (TI) CS5530 Datasheet HTML 125Page - National Semiconductor (TI) CS5530 Datasheet HTML 126Page - National Semiconductor (TI) CS5530 Datasheet HTML 127Page - National Semiconductor (TI) CS5530 Datasheet HTML 128Page - National Semiconductor (TI) CS5530 Datasheet HTML 129Page - National Semiconductor (TI) CS5530 Datasheet HTML 130Page - National Semiconductor (TI) CS5530 Datasheet HTML 131Page - National Semiconductor (TI) CS5530 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 241 page
background image
www.national.com
128
Revision 4.1
Functional Description (Continued)
3.8
DISPLAY SUBSYSTEM EXTENSIONS
The CS5530 incorporates extensions to the GXLV proces-
sor’s display subsystem. These include:
• Video Accelerator
- Buffers and formats input YUV video data from
GXLV processor
- Supports 8-bit interface to GXLV processor
- X & Y scaler with bilinear filter
- Color space converter (YUV to RGB)
• Video Overlay Logic
-Color key
- Data switch for graphics and video data
• Gamma RAM
- Brightness and contrast control
• Display Interface
- Integrated RGB video DACs
- VESA DDC2B/DPMS support
- Flat Panel interface
Figure 3-23 shows the data path of the display subsystem
extensions.
3.8.1
Video Interface Configuration Registers
Registers for configuring the video interface are accessed
through F4 Index 10h, the Base Address Register
(F4BAR) in Function 4. F4BAR sets the base address for
the Video Interface Configuration Registers as shown in
Table 3-70.
Note:
All Video Interface Configuration Registers have a
32-bit access granularity (only).
The following subsections describe the video interface
and the registers used for programming purposes. How-
ever, for complete bit information refer to Section 4.3.5
“Video Controller Registers - Function 4” on page 199.
Figure 3-23. 8-Bit Display Subsystem Extensions
Table 3-70. Base Address Register (F4BAR) for Video Controller Support Registers
Bit
Description
F4 Index 10h-13h
Base Address Register — F4BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped video controller registers. Bits [11:0] are read only (0000 0000 0000), indi-
cating a 4 KB memory address range. Refer to Table 4-22 for the video controller register bit formats and reset values.
31:12
Video Controller and Clock Control Base I/O Address
11:0
Address Range (Read Only)
VID_DATA[7:0]
8
Input
Buffer 0
(3x360x32 bit)
Buffer 1
Buffer 2
Formatter
/
Scaler
Vertical
Filter
Horizontal
Filter
Color
Space
Converter
Formatter
24
Color Key
Color
Compare
24
PIXEL[23:0]
Bypass
Gamma
RAM
24
Video
Dither
24
8each
DAC
RGB to CRT
FP_DATA
18
24
24
Enable Gamma
Correction Register
24
24
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com