Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 128Page - National Semiconductor (TI) CS5530 Datasheet HTML 129Page - National Semiconductor (TI) CS5530 Datasheet HTML 130Page - National Semiconductor (TI) CS5530 Datasheet HTML 131Page - National Semiconductor (TI) CS5530 Datasheet HTML 132Page - National Semiconductor (TI) CS5530 Datasheet HTML 133Page - National Semiconductor (TI) CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) CS5530 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 241 page
background image
www.national.com
132
Revision 4.1
Functional Description (Continued)
3.8.3
Video Overlay
The video data from the color-space converter is then
mixed with the graphics data based upon the video win-
dow position. The video window position is programmable
via the Video X and Y Position Registers (F4BAR+Mem-
ory Offset 08h and 0Ch). A color-keying mechanism is
employed to compare either the source (video) or destina-
tion (graphics) color to the color key programmed via the
Video Color Key Register (FBAR+Offset 14h) and to
select the appropriate pixel for display within the video
window. The range of the color key is programmable by
setting the appropriate bits in the Video Color Mask Reg-
ister (F4BAR+Memory Offset 18h). This mechanism
greatly reduces the software overhead for computing visi-
ble pixels, and ensures that the video display window may
be partially occluded by overlapping graphics data.
Tables 3-73 and 3-74 show the bit formats for these regis-
ters
The CS5530 accepts graphics data over the PIXEL[23:0]
interface from the GXLV processor at the screen DOT
clock rate. The CS5530 is capable of displaying graphics
resolutions up to 1600x1200 at color depths up to 24 bits
per pixel (bpp) while simultaneously overlaying a video
window.
Table 3-73. Video X and Y Position Registers
Bit
Description
F4BAR+Memory Offset 08h-0Bh
Video X Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
VideoXEndPosition: This field represents the horizontal end position of the video window according to the following
formula: Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
15:11
Reserved: Set to 0.
10:0
Video X Start Position: This field represents the horizontal start position of the video window according to the following
formula: Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
F4BAR+Memory Offset 0Ch-0Fh
Video Y Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
VideoYEndPosition: This field represents the vertical end position of the video window according to the following for-
mula: Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
15:11
Reserved: Set to 0.
10:0
Video Y Start Position: This field represents the vertical start position of the video window according to the following for-
mula: Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
Table 3-74. Video Color Registers
Bit
Description
F4BAR+Memory Offset 14h-17h
Video Color Key Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Key: This field represents the video color key. It is a 24-bit RGB value. The graphics or video data being
compared may be masked prior to the compare by programming the Video Color Mask register appropriately.
F4BAR+Memory Offset 18h-1Bh
Video Color Mask Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Mask: This field represents the video color mask. It is a 24-bit RGB value. Zeroes in the mask cause the
corresponding bits in the graphics or video stream being compared to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com