Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 130Page - National Semiconductor (TI) CS5530 Datasheet HTML 131Page - National Semiconductor (TI) CS5530 Datasheet HTML 132Page - National Semiconductor (TI) CS5530 Datasheet HTML 133Page - National Semiconductor (TI) CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) CS5530 Datasheet HTML 136Page - National Semiconductor (TI) CS5530 Datasheet HTML 137Page - National Semiconductor (TI) CS5530 Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 241 page
background image
www.national.com
134
Revision 4.1
Functional Description (Continued)
3.8.5
Display Interface
The CS5530 interfaces directly to a variety of display
devices including conventional analog CRT displays, TFT
flat panels, the National Semiconductor CS9210 DSTN
Controller, or optionally to digital NTSC/PAL encoder
devices.
3.8.5.1
Video DACs
The CS5530 incorporates triple 8-bit video Digital-to-Ana-
log Converters (DACs) for interfacing directly to CRT dis-
plays. The video DACs are capable of operation up to 170
MHz for supporting up to 1600x1200 display at a 75 Hz
refresh rate.
3.8.5.2
VESA DDC2B / DPMS
The CS5530 supports the VESA DDC2B and DPMS stan-
dards for enhanced monitor communications and power
management support.
3.8.5.3
Flat Panel Support
The CS5530 also interfaces directly to industry standard
18-bit Active Matrix Thin-Film-Transistor (TFT) flat panels.
The CS5530 includes 24-bit to 18-bit dithering logic to
increase the apparent number of colors displayed on 18-
bit flat panels.
In addition, the CS5530 incorporates power sequencing
logic to simplify the design of a portable system.
The flat panel port of the CS5530 may optionally drive the
CS9210 DSTN Controller device for color dual-scan dis-
play (DSTN) support. If flat panel support is not required,
the flat panel output port may be used to supply digital
video data to one of several types of NTSC/PAL encoder
devices on the market.
6
Flat Panel Power Enable: The transition of this bit initiates a flat panel power-up or power-down sequence:
0 -> 1 = Power-up flat panel;
1 -> 0 = Power-down flat panel.
5
DAC Power-down (active low): This bit must be set to power-up the video DACs. It can be cleared to power-down the
video DACs when not in use. 0 = DACs are powered down; 1 = DACs are powered up.
4
Reserved: Set to 0.
3
DAC Blank Enable: This bit enables the blank to the video DACs.
0 = DACs are constantly blanked; 1 = DACs are blanked normally.
2
CRT Vertical Sync Enable: Enables the CRT vertical sync. Used for VESA DPMS support. 0 = Disable; 1 = Enable.
1
CRT Horizontal Sync Enable: Enables the CRT horizontal sync. Used for VESA DPMS support.
0 = Disable; 1 = Enable.
0
Display Enable: Enables the graphics display pipeline. It is used as a reset for the display control logic.
0 = Reset display control logic; 1 = Enable display control logic
Table 3-75. Display Configuration Register (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com