Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) CS5530 Datasheet HTML 136Page - National Semiconductor (TI) CS5530 Datasheet HTML 137Page - National Semiconductor (TI) CS5530 Datasheet HTML 138Page - National Semiconductor (TI) CS5530 Datasheet HTML 139Page - National Semiconductor (TI) CS5530 Datasheet HTML 140Page - National Semiconductor (TI) CS5530 Datasheet HTML 141Page - National Semiconductor (TI) CS5530 Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 241 page
background image
www.national.com
138
Revision 4.1
Register Descriptions (Continued)
4.1
PCI CONFIGURATION SPACE AND ACCESS METHODS
Configuration cycles are generated in the processor. All
configuration registers in the CS5530 are accessed
through the PCI interface using the PCI Type One Config-
uration Mechanism. This mechanism uses two DWORD
I/O locations at 0CF8h and 0CFCh. The first location
(0CF8h) references the Configuration Address Register.
The second location (0CFCh) references the Configura-
tion Data Register.
To access PCI configuration space, write the Configura-
tion Address (0CF8h) Register with data that specifies the
CS5530 as the device on PCI being accessed, along with
the configuration register offset. On the following cycle, a
read or write to the Configuration Data Register (CDR)
causes a PCI configuration cycle to the CS5530. BYTE,
WORD, or DWORD accesses are allowed to the CDR at
0CFCh, 0CFDh, 0CFEh, or 0CFFh.
The CS5530 has six configuration register sets, one for
each function (F0-F4) and USB (PCIUSB). Base Address
Registers (BARs) in the PCI header registers are pointers
for additional I/O or memory mapped configuration regis-
ters.
Table 4-1 shows the PCI Configuration Address Register
(0CF8h) and how to access the PCI header registers.
Table 4-1. PCI Configuration Address Register (0CF8h)
31
30
24
23
16
15
11
10
8
7
2
1
0
Configuration
Space Mapping
RSVD
Bus Number
Device Number
Function
Index
DWORD
00
1 (Enable)
000 0000
0000 0000
xxxx x (Note)
xxx
xxxx xx
00 (Always)
Function 0 (F0): Bridge Configuration Register Space
80h
0000 0000
1001 0 or 1000 0
000
Index
Function 1 (F1): SMI Status and ACPI Timer Register Space
80h
0000 0000
1001 0 or 1000 0
001
Index
Function 2 (F2): IDE Controller Register Space
80h
0000 0000
1001 0 or 1000 0
010
Index
Function 3 (F3): XpressAUDIO Subsystem Register Space
80h
0000 0000
1001 0 or 1000 0
011
Index
Function 4 (F4): Video Controller Register Space
80h
0000 0000
1001 0 or 1000 0
100
Index
PCIUSB: USB Controller Register Space
80h
0000 0000
1001 1 or 1000 1
000
Index
Note: The device number depends upon the strapping of pin H26 (HOLD_REQ#) during POR.
Strap pin H26 low: IDSEL = AD28 (Chipset Register Space) and AD29 (USB Register Space)
Strap pin H26 high: IDSEL = AD26 (Chipset Register Space) and AD27 (USB Register Space)
The strapping of pin H26 can be read back in F0 Index 44h[6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com