Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 132Page - National Semiconductor (TI) CS5530 Datasheet HTML 133Page - National Semiconductor (TI) CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) CS5530 Datasheet HTML 136Page - National Semiconductor (TI) CS5530 Datasheet HTML 137Page - National Semiconductor (TI) CS5530 Datasheet HTML 138Page - National Semiconductor (TI) CS5530 Datasheet HTML 139Page - National Semiconductor (TI) CS5530 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 241 page
background image
www.national.com
136
Revision 4.1
Functional Description (Continued)
3.9.2
USB Host Controller
In the USB core is the operational control block. It is
responsible for the host controllers operational states
(Suspend, Disable, Enable), special USB signals (Reset,
Resume), status, interrupt control, and host controller
configuration.
The host controller interface registers are PCI memory
mapped I/O. They are summarized in Table 3-77.
3.9.3
USB Power Management
At this time, USB supports minimal system level power
management features. The only power management fea-
ture implemented is the disabling of the USB clock gener-
ator
in
USB
Suspend
state.
Additional
power
management features will require slight modifications.
The design supports PCICLK frequencies from 0 to 33
MHz. Synchronization between the PCI and USB clock
domains is frequency independent.
Remote wakeup of USB is asynchronously implemented
from the USB Ports to PCI INTA#.
The design needs USBCLK to be operational at all times.
If it is necessary to stop the 48 MHz clock, the system
design requires that the signal used to enable/disable the
USB clock generators is also used to wake the 48 MHz
clock source. Currently, the RemoteWakeupConnected
and RemoteWakeupEnable bits in the HcControl register
are not implemented.
Table 3-77. USB Host Controller Registers
Offset
Name
00h-03h
HcRevision
04h-07h
HcControl
08h-0Bh
HcCommandStatus
0Ch-0Fh
HcInterruptStatus
10h-13h
HcInterruptEnable
14h-17h
HcInterruptDisable
18h-1Bh
HcHCCA
1Ch-1Fh
HcPeriodCurrentED
20h-23h
HcControlHeadED
24h-27h
HcControlCurrentED
28h-2Bh
HcBulkHeadED
2Ch-2Fh
HcBulkCurrentED
30h-33h
HcDoneHead
34h-37h
HcFmInterval
38h-3Bh
HcFrameRemaining
3Ch-3Fh
HcFmNumber
40h-43h
HcPeriodicStart
44h-47h
HcLSThreshold
48h-4Bh
HcRhDescriptorA
4Ch-4Fh
HcRhDescriptorB
50h-53h
HcRhStatus
54h-57h
HcRhPortStatus[1]
58h-5Ch
HcRhPortStatus[2]
100h-103h
HceControl
104h-107h
HceInput
108h-10Bh
HceOutput
10C-10Fh
HceStatus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com