Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 133Page - National Semiconductor (TI) CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) CS5530 Datasheet HTML 136Page - National Semiconductor (TI) CS5530 Datasheet HTML 137Page - National Semiconductor (TI) CS5530 Datasheet HTML 138Page - National Semiconductor (TI) CS5530 Datasheet HTML 139Page - National Semiconductor (TI) CS5530 Datasheet HTML 140Page - National Semiconductor (TI) CS5530 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 241 page
background image
Revision 4.1
137
www.national.com
4.0
Register Descriptions
The Geode CS5530 is a multi-function device. Its register
space can be broadly divided into four categories in which
specific types of registers are located:
1)
Chipset Register Space (F0-F4)
2)
USB Controller Register Space (PCIUSB)
3)
ISA Legacy I/O Register Space (I/O Port)
4)
V-ACPI I/O Register Space (I/O Port)
The Chipset and the USB Controller Register Spaces are
accessed through the PCI interface using the PCI Type
One Configuration Mechanism.
The Chipset Register Space of the CS5530 is comprised
of five separate functions (F0-F4). Each with its own regis-
ter space consisting of PCI header registers and memory
or I/O mapped registers.
F0: Bridge Configuration Registers
F1: SMI Status and ACPI Timer Registers
F2: IDE Controller Registers
F3: XpressAUDIO Subsystem Registers
F4: Video Controller Registers
The PCI header is a 256-byte region used for configuring
a PCI device or function. The first 64 bytes are the same
for all PCI devices and are predefined by the PCI specifi-
cation. These registers are used to configure the PCI for
the device. The rest of the 256-byte region is used to con-
figure the device or function itself.
The USB Controller Register Space consists of the
standard PCI header registers. The USB controller sup-
ports two ports and is OpenHCI- compliant.
The ISA Legacy I/O Register Space contains all the leg-
acy compatibility I/O ports that are internal, trapped, shad-
owed, or snooped.
The V-ACPI I/O Register Space contains two types of
registers: Fixed Feature and General Purpose. These reg-
isters are emulated by the SMI handling code rather than
existing in physical hardware. To the ACPI-compliant
operating system, the SMI-base virtualization is transpar-
ent. An ACPI compliant system is one whose underlying
BIOS, device drivers, chipset and peripherals conform to
revision 1.0 or newer of the Advanced Control and Power
Interface specification.
The CS5530 V-ACPI (Virtual ACPI) solution provides the
following support:
• CPU States — C1, C2
• Sleep States — S1, S2, S4, S4BIOS, S5
• Embedded Controller (Optional) — SCI and SWI event
inputs
• General Purpose Events — Fully programmable GPE0
Event Block registers
The remaining subsections of this chapter is as follows:
• A brief discussion on how to access the registers
located in the PCI Configuration Space
• Register summary
• Detailed bit formats of all registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com