Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 133 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 133 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 129Page - National Semiconductor (TI) CS5530 Datasheet HTML 130Page - National Semiconductor (TI) CS5530 Datasheet HTML 131Page - National Semiconductor (TI) CS5530 Datasheet HTML 132Page - National Semiconductor (TI) CS5530 Datasheet HTML 133Page - National Semiconductor (TI) CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) CS5530 Datasheet HTML 136Page - National Semiconductor (TI) CS5530 Datasheet HTML 137Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 241 page
background image
Revision 4.1
133
www.national.com
Functional Description (Continued)
3.8.4
Gamma RAM
Either the graphics or video stream may be routed
through an on-chip gamma RAM (3x256x8-bit) which can
be used for gamma-correction of either data stream, or
contrast/brightness adjustments in the case of video data.
A bypass path is provided for either the graphics or video
stream (depending on which is sent through the gamma
RAM). The two streams are merged based on the results
of the color key compare.
Configuration for this feature and the display interface are
through the Video Configuration Register (F4BAR+Mem-
ory Offset 04h). Table 3-75 shows the bit formats for this
register.
Table 3-75. Display Configuration Register
Bit
Description
F4BAR+Memory Offset 04h-07h
Display Configuration Register (R/W)
Reset Value = 00h
31
DDC Input Data (Read Only): This is the DDC input data bit for reads.
30
Red Comparator (Read Only): This is the value of the red video DAC comparator.
29
Green Comparator (Read Only): This is the value of the green video DAC comparator.
28
Blue Comparator (Read Only): This is the value of the blue video DAC comparator.
27
Flat Panel On (Read Only): This bit indicates whether the attached flat panel display is powered on or off. The bit transi-
tions at the end of the power-up or power-down sequence. 0 = Off; 1 = On.
26
DAC External Voltage Reference Enable: This bit enables the use of an external voltage reference for the video DAC.
When enabled, an external voltage reference should be connected to the EXTVREFIN pin. When disabled, the DAC inter-
nal voltage reference will be used. 0 = Disable; 1 = Enable.
25
16-Bit Graphics Enable: This bit works in conjunction with the 16-bit Video Interface bit at F4BAR+Memory Offset
00h[29]. This bit should be set to the same value as the 16-bit Video Interface bit.
24
DDC Output Enable: This bit enables the DDC_SDA line to be driven for write data.
0 = DDC_SDA pin is input; 1 = DDC_SDA pin is output.
23
DDC Output Data: This is the DDC data bit.
22
DDC Clock: This is the DDC clock bit. It is used to clock the DDC_SDA bit.
21
Palette Bypass: Selects whether graphics or video data should bypass the Gamma RAM:
0 = Video data; 1 = Graphics data.
20
Video/Graphics Color Key Select: Selects whether the video or graphics data stream will be used for color/chroma key-
ing. 0 = Graphics data is compared to color key; 1 = Video data is compared to color key.
19:17
Power Sequence Delay: This field selects the number of frame periods that will transpire between successive transitions
of the power sequence control lines. Valid values are 001h to 111h.
16:14
CRT Sync Skew: This 3-bit field represents the number of pixel clocks to skew the horizontal and vertical syncs that are
sent to the CRT. This field should be programmed to 100 as the baseline. The syncs may be moved forward or backward
relative to the pixel data via this register. It is used to compensate for the pipeline delay through the graphics pipeline.
13
Flat Panel Dither Enable: This bit will enable the flat panel dithering. It enables 24 bpp display data to be approximated
with an 18-bit flat panel display. 0 = Disable; 1 = Enable.
12
XGA Flat Panel: This bit enables the FP_CLK_ EVEN output signal which can be used to demultiplex the FP_DATA bus
into even and odd pixels. 0 = Standard flat panel; 1 = XGA flat panel.
11
Flat Panel Vertical Synchronization Polarity: Selects the flat panel vertical sync polarity:
0 = FP vertical sync is normally low, transitioning high during sync interval.
1 = FP vertical sync is normally high, transitioning low during sync interval.
10
Flat Panel Horizontal Synchronization Polarity: Selects the flat panel horizontal sync polarity:
0 = FP horizontal sync is normally low, transitioning high during sync interval.
1 = FP horizontal sync is normally high, transitioning low during sync interval.
9
CRT Vertical Synchronization Polarity: Selects the CRT vertical sync polarity:
0 = CRT vertical sync is normally low, transitioning high during sync interval.
1 = CRT vertical sync is normally high, transitioning low during sync interval.
8
CRT Horizontal Synchronization Polarity: Selects the CRT horizontal sync polarity:
0 = CRT horizontal sync is normally low, transitioning high during sync interval.
1 = CRT horizontal sync is normally high, transitioning low during sync interval.
7
Flat Panel Data Enable: Enables the flat panel data bus:
0 = FP_DATA [17:0] is forced low;
1 = FP_DATA [17:0] is driven based upon power sequence control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com