Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 125Page - National Semiconductor (TI) CS5530 Datasheet HTML 126Page - National Semiconductor (TI) CS5530 Datasheet HTML 127Page - National Semiconductor (TI) CS5530 Datasheet HTML 128Page - National Semiconductor (TI) CS5530 Datasheet HTML 129Page - National Semiconductor (TI) CS5530 Datasheet HTML 130Page - National Semiconductor (TI) CS5530 Datasheet HTML 131Page - National Semiconductor (TI) CS5530 Datasheet HTML 132Page - National Semiconductor (TI) CS5530 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 241 page
background image
Revision 4.1
129
www.national.com
Functional Description (Continued)
3.8.2
Video Accelerator
The CS5530 off-loads the processor from several comput-
ing-intensive tasks related to the playback of full motion
video. By incorporating this level of hardware-assist, a
CS5530/GXLV processor based system can sustain 30
frames-per-second of MPEG quality video.
3.8.2.1
Line Buffers
The CS5530 accepts an 8-bit video stream from the pro-
cessor and provides three full MPEG resolution line buff-
ers (3x360x32-bit). MPEG source horizontal resolutions
up to 720 pixels are supported. By having three line buff-
ers, the display pipeline can read from two lines while the
next line of data is being loaded from the processor. This
minimizes memory bandwidth utilization by requiring that
a source line be transferred only once per frame. Peak
bandwidth is also reduced by requiring that the video
source line be transferred within the horizontal line time
rather than forcing the transfer to occur during the active
video window. This efficient utilization of memory band-
width allows the processor and graphics accelerator an
increased opportunity to access the memory subsystem
and improves overall system performance during video
playback.
3.8.2.2
Video Port Protocol
The video port operates at one-half the processor’s core
clock rate and utilizes a two-wire handshake protocol. The
VID_VAL input signal indicates that valid data has been
placed on the VID_DATA[7:0] bus. When the CS5530 is
ready to accept data, it asserts VID_RDY to indicate that a
linebufferisfreetoaccept thenextline. When both
VID_VAL
and
VID_RDY
are
asserted,
VID_DATA
advances.
The VID_RDY signal is driven by the CS5530 one clock
early to the processor while the VID_VAL signal is driven
by the processor coincident with valid data on VID_DATA.
A sample timing diagram is shown in Figure 3-24.
Figure 3-24. Video Port Protocol
VID_CLK
VID_VAL
8CLKs
8 + 2CLKs
VID_RDY
2CLKs
3CLKs
VID_DATA[7:0]
8CLKs
Note: VID_CLK = CORE_CLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com