Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 127Page - National Semiconductor (TI) CS5530 Datasheet HTML 128Page - National Semiconductor (TI) CS5530 Datasheet HTML 129Page - National Semiconductor (TI) CS5530 Datasheet HTML 130Page - National Semiconductor (TI) CS5530 Datasheet HTML 131Page - National Semiconductor (TI) CS5530 Datasheet HTML 132Page - National Semiconductor (TI) CS5530 Datasheet HTML 133Page - National Semiconductor (TI) CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 241 page
background image
Revision 4.1
131
www.national.com
Functional Description (Continued)
3.8.2.4
X and Y Scaler / Filter
The CS5530 supports horizontal and vertical scaling of
the video stream up to eight times the source resolution.
The scaler uses a Digital-Differential-Analyzer (DDA)
baseduponthe values programmedinthe VideoScale
Register (F4BAR+Memory Offset 10h, see Table 3-72)
The scaled video stream is then passed through horizon-
tal and vertical filters which perform a 2-tap, 8-phase bilin-
ear filter on the resulting stream. The filtering function
removes the "blockiness" of the scaled video thereby sig-
nificantly improving the quality of the displayed image.
By performing the scaling and filtering function in hard-
ware, video performance is substantially improved over
pure software implementations by requiring that the
decompression software only output the video stream at
the native source resolution. This saves both processor
overhead and memory bandwidth.
3.8.2.5
Color-Space-Converter
After scaling and filtering have been applied, the YUV
video data is passed through the color-space converter to
obtain 24-bit RGB video data. The color-space conversion
equations are based on the CCIR Recommendation 601-
1asfollows:
R = 1.164(Y–16) + 1.596(V–128)
G = 1.164(Y–16) – 0.813(V–128) – 0.391(U–128)
B = 1.164(Y–16) + 2.018(U–128)
The color-space converter clamps inputs to acceptable
limits if the data is not well behaved. The color-space con-
verter is bypassed for overlaying 16 bpp RGB graphics
data.
Table 3-72. Video Scale Register
Bit
Description
F4BAR+Memory Offset 10h-13h
Video Scale Register (R/W)
Reset Value = xxxxxxxxh
31:30
Reserved: Set to 0.
29:16
Video Y Scale Factor: This field represents the video window vertical scale factor according to the following
formula:
VID_Y_SCL = 8192 * (Ys - 1) / (Yd - 1)
Where:
Ys = Video Source vertical size in lines
Yd = Video Destination vertical size in lines
15:14
Reserved: Set to 0.
13:0
Video X Scale Factor: This field represents the video window horizontal scale factor according to the following
formula:
VID_X_SCL = 8192 * (Xs - 1) / (Xd - 1)
Where:
Xs = Video Source horizontal size in pixels
Xd = Video Destination horizontal size in pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com