Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 162Page - National Semiconductor (TI) CS5530 Datasheet HTML 163Page - National Semiconductor (TI) CS5530 Datasheet HTML 164Page - National Semiconductor (TI) CS5530 Datasheet HTML 165Page - National Semiconductor (TI) CS5530 Datasheet HTML 166Page - National Semiconductor (TI) CS5530 Datasheet HTML 167Page - National Semiconductor (TI) CS5530 Datasheet HTML 168Page - National Semiconductor (TI) CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 241 page
background image
www.national.com
166
Revision 4.1
Register Descriptions (Continued)
Index 8Fh
Reserved
Index 90h
GPIO Pin Direction Register 1 (R/W)
Reset Value = 00h
7
GPIO7 Direction: Selects if GPIO7 is an input or output: 0 = Input; 1 = Output.
6
GPIO6 Direction: Selects if GPIO6 is an input or output: 0 = Input; 1 = Output.
5
GPIO5 Direction: Selects if GPIO5 is an input or output: 0 = Input; 1 = Output.
4
GPIO4 Direction: Selects if GPIO4 is an input or output: 0 = Input; 1 = Output.
3
GPIO3 Direction: Selects if GPIO3 is an input or output: 0 = Input; 1 = Output.
2
GPIO2 Direction: Selects if GPIO2 is an input or output: 0 = Input; 1 = Output.
1
GPIO1 Direction: Selects if GPIO1 is an input or output: 0 = Input; 1 = Output.
0
GPIO0 Direction: Selects if GPIO0 is an input or output: 0 = Input; 1 = Output.
Note: Several of these pins have specific alternate functions. The direction configured here must be consistent with the pins’ use as
the alternate function.
Index 91h
GPIO Pin Data Register 1 (R/W)
Reset Value = 00h
7
GPIO7 Data: Reflects the level of GPIO7: 0 = Low; 1 = High.
6
GPIO6 Data: Reflects the level of GPIO6: 0 = Low; 1 = High.
5
GPIO5 Data: Reflects the level of GPIO5: 0 = Low; 1 = High.
4
GPIO4 Data: Reflects the level of GPIO4: 0 = Low; 1 = High.
3
GPIO3 Data: Reflects the level of GPIO3: 0 = Low; 1 = High.
2
GPIO2 Data: Reflects the level of GPIO2: 0 = Low; 1 = High.
1
GPIO1 Data: Reflects the level of GPIO1: 0 = Low; 1 = High.
0
GPIO0 Data: Reflects the level of GPIO0: 0 = Low; 1 = High.
Note: This register contains the direct values of GPIO[7:0] pins. Write operations are valid only for bits defined as output. Reads from
this register read the last written value if the pin is an output. The pins are configured as inputs or outputs in F0 Index 90h.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com