Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 165Page - National Semiconductor (TI) CS5530 Datasheet HTML 166Page - National Semiconductor (TI) CS5530 Datasheet HTML 167Page - National Semiconductor (TI) CS5530 Datasheet HTML 168Page - National Semiconductor (TI) CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) CS5530 Datasheet HTML 171Page - National Semiconductor (TI) CS5530 Datasheet HTML 172Page - National Semiconductor (TI) CS5530 Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 241 page
background image
Revision 4.1
169
www.national.com
Register Descriptions (Continued)
Index 97h
GPIO Control Register 2 (R/W)
Reset Value = 00h
7
GPIO7 Edge Sense for SMI: Selects which edge transition of the GPIO7 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 3 must be set to enable this bit.
6
GPIO5 Edge Sense for SMI: Selects which edge transition of the GPIO5 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 2 must be set to enable this bit.
5
GPIO4 Edge Sense for SMI: Selects which edge transition of the GPIO4 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 1 must be set to enable this bit.
4
GPIO3 Edge Sense for SMI: Selects which edge transition of the GPIO3 pin will cause an external SMI:
0 = Rising; 1 = Falling.
Bit 0 must be set to enable this bit.
3
Enable GPIO7 as an External SMI Source: Allow GPIO7 to be an external SMI source and to generate an SMI on either
a rising or falling edge transition (depends upon setting of bit 7): 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[3].
2
Enable GPIO5 as an External SMI Source: Allow GPIO5 to be an external SMI source and to generate an SMI on either
a rising or falling edge transition (depends upon setting of bit 6): 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[2].
1
Enable GPIO4 as an External SMI Source: Allow GPIO4 to be an external SMI source and to generate an SMI on either
a rising- or falling-edge transition (depends upon setting of bit 5): 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[1].
0
Enable GPIO3 as an External SMI Source: Allow GPIO3 to be an external SMI source and to generate an SMI on either
a rising or falling edge transition (depends upon setting of bit 4) 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[0].
Note: For any of the above bits to function properly, the respective GPIO pin must be configured as an input (F0 Index 90h).
Index 98h-99h
Primary Hard Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Primary Hard Disk Idle Timer Count: This idle timer is used to determine when the primary hard disk is not in use so
that it can be powered down. The 16-bit value programmed here represents the period of primary hard disk inactivity after
which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an access
occurs to the configured primary hard disk’s data port (configured in F0 Index 93h[5]). The counter uses a 1 second time-
base.
To enable this timer set F0 Index 81h[0] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[0].
Index 9Ah-9Bh
Floppy Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Floppy Disk Idle Timer Count: This idle timer is used to determine when the floppy disk drive is not in use so that it can
be powered down. The 16-bit value programmed here represents the period of floppy disk drive inactivity after which the
system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an access occurs to the
configured floppy drive’s data port (I/O Port 3F5h or 375h). The counter uses a 1 second timebase.
To enable this timer set F0 Index 81h[1] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[1].
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com