Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 163Page - National Semiconductor (TI) CS5530 Datasheet HTML 164Page - National Semiconductor (TI) CS5530 Datasheet HTML 165Page - National Semiconductor (TI) CS5530 Datasheet HTML 166Page - National Semiconductor (TI) CS5530 Datasheet HTML 167Page - National Semiconductor (TI) CS5530 Datasheet HTML 168Page - National Semiconductor (TI) CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) CS5530 Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 241 page
background image
Revision 4.1
167
www.national.com
Register Descriptions (Continued)
Index 92h
GPIO Control Register 1 (R/W)
Reset Value = 00h
7
GPIO7 Edge Sense for Reload of General Purpose Timer 2: Selects which edge transition of GPIO7 causes
GP Timer 2 to reload: 0 = Rising; 1 = Falling, (Note 2)
6
GPIO6 Enabled as Lid Switch: Allow GPIO6 to act as the lid switch input: 0 = GPIO6; 1 = Lid switch.
When enabled, every transition of the GPIO6 pin causes the lid switch status to toggle and generate an SMI.
The top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[3].
If GPIO6 is enabled as the lid switch, F0 Index 87h/F7h[4] reports the current status of the lid’s position.
5
GPIO2 Edge Sense for SMI: Selects which edge transition of the GPIO2 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 2 must be set to enable this bit.
4
GPIO1 Edge Sense for SMI: Selects which edge transition of the GPIO1 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 1 must be set to enable this bit.
3
GPIO0 Edge Sense for SMI: Selects which edge transition of the GPIO0 pin generates an SMI:
0 = Rising; 1 = Falling.
Bit 1 must be set to enable this bit.
2
Enable GPIO2 as an External SMI Source: Allow GPIO2 to be an external SMI source and generate an SMI on either a
rising or falling edge transition (depends upon setting of bit 5): 0 = Disable; 1 = Enable (Note 3).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 87h/F7h[7].
1
Enable GPIO1 as an External SMI Source: Allow GPIO1 to be an external SMI source and generate an SMI on either a
rising- or falling-edge transition (depends upon setting of bit 4): 0 = Disable; 1 = Enable (Note 3).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 87h/F7h[6].
0
Enable GPIO0 as an External SMI Source: Allow GPIO0 to be an external SMI source and generate an SMI on either a
rising or falling edge transition (depends upon setting of bit 3): 0 = Disable; 1 = Enable (Note 3)
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 87h/F7h[5].
Notes: 1) For any of the above bits to function properly, the respective GPIO pin must be configured as an input (F0 Index 90h).
2) GPIO7 can generate an SMI (F0 Index 97h[3]) or re-trigger General Purpose Timer 2 (F0 Index 8Bh[2]) or both.
3) If GPIO[2:0] are enabled as external SMI sources, they are the only GPIOs that can be used as SMI sources to wake-up the
system from Suspend when the clocks are stopped.
Index 93h
Miscellaneous Device Control Register (R/W)
Reset Value = 00h
7
Floppy Drive Port Select: All system resources used to power manage the floppy drive use the primary or secondary
FDC addresses for decode: 0 = Secondary; 1 = Primary.
6
Reserved: This bit must always be set to 1.
5
Partial Primary Hard Disk Decode: This bit is used to restrict the addresses which are decoded as primary hard disk
accesses.
0 = Power management monitors all reads and writes I/O Port 1F0h-1F7h, 3F6h-3F7h (excludes writes to 3F7h)
1 = Power management monitors only writes to I/O Port 1F6h and 1F7h
4
Partial Secondary Hard Disk Decode: This bit is used to restrict the addresses which are decoded as secondary hard
Disk accesses.
0 = Power management monitors all reads and writes I/O Port 170h-177h, 376h-377h (excludes writes to 377h)
1 = Power management monitors only writes to I/O Port 176h and 177h
3:2
Reserved: Set to 0.
1
Mouse on Serial Enable: Mouse is present on a Serial Port: 0 = No; 1 = Yes. (Note)
0
Mouse Port Select: Selects which serial port the mouse is attached to: 0 = COM1; 1 = COM2. (Note)
Note: Bits 1 and 0 - If a mouse is attached to a serial port (bit 1 = 1), that port is removed from the serial device list being used to
monitor serial port access for power management purposes and added to the keyboard/mouse decode. This is done because
a mouse, along with the keyboard, is considered an input device and is used only to determine when to blank the screen.
These bits determine the decode used for the Keyboard/Mouse Idle Timer Count Register (F0 Index 9Eh) as well as the Paral-
lel/Serial Port Idle Timer Count Register (F0 Index 9Ch).
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com