Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 167Page - National Semiconductor (TI) CS5530 Datasheet HTML 168Page - National Semiconductor (TI) CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) CS5530 Datasheet HTML 171Page - National Semiconductor (TI) CS5530 Datasheet HTML 172Page - National Semiconductor (TI) CS5530 Datasheet HTML 173Page - National Semiconductor (TI) CS5530 Datasheet HTML 174Page - National Semiconductor (TI) CS5530 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 241 page
background image
Revision 4.1
171
www.national.com
Register Descriptions (Continued)
Index A6h-A7h
Video Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Video Idle Timer Count: This idle timer determines when the graphics subsystem has been idle as part of the
Suspend-determination algorithm. The 16-bit value programmed here represents the period of video inactivity after which
the system is alerted via an SMI. The count in this timer is automatically reset whenever an access occurs to the graphics
controller space. The counter uses a 1 second timebase.
In a GXLV processor based system the graphics controller is embedded in the CPU, so video activity is communicated to
the CS5530 via the serial connection (PSERIAL register, bit 0) from the processor. The CS5530 also detects accesses to
standard VGA space on PCI (3Bxh, 3h, 3Dxh and A000h-B7FFh) in the event an external VGA controller is being used.
To enable this timer set F0 Index 81h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
Index A8h-A9h
Video Overflow Count Register (R/W)
Reset Value = 0000h
15:0
Video Overflow Count: Each time the Video Speedup Counter (F0 Index 8Dh) is triggered, a 100 ms timer is started. If
the 100 ms timer expires before the Video Speedup Counter lapses, the Video Overflow Count Register increments and
the 100 ms timer re-triggers. Software clears the overflow register when new evaluations are to begin. The count con-
tained in this register may be combined with other data to determine the type of video accesses present in the system.
Index AAh-ABh
Reserved
Index ACh-ADh
Secondary Hard Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Secondary Hard Disk Idle Timer Count: This idle timer is used to determine when the secondary hard disk is not in use
so that it can be powered down. The 16-bit value programmed here represents the period of secondary hard disk inactiv-
ity after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to the configured secondary hard disk’s data port (configured in F0 Index 93h[4]). The counter uses a 1
second timebase.
To enable this timer set F0 Index 83h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].
Index AEh
CPU Suspend Command Register (WO)
Reset Value = 00h
7:0
Software CPU Suspend Command (Write Only): If bit 0 in the Clock Stop Control Register is set low (F0 Index BCh[0]
= 0), a write to this register causes a SUSP#/SUSPA# handshake with the CPU, placing the CPU in a low-power state.
The data written is irrelevant. Once in this state, any unmasked IRQ or SMI releases the CPU halt
condition.
If F0 Index BCh[0] = 1, writing to this register invokes a full system Suspend. In this case, the SUSP_3V pin is asserted
after the SUSP#/SUSPA# halt. Upon a Resume event (see Note), the PLL delay programmed in the F0 Index BCh[7:4] is
invoked, allowing the clock chip and CPU PLL to stabilize before deasserting the SUSP# pin.
Note: If the clocks are stopped the external IRQ4 and IRQ3 pins, when enabled (F3BAR+Memory Offset 1Ah[4:3]), are
the only IRQ pins that can be used as a Resume event. If GPIO2, GPIO1, and GPIO0 are enabled as an external
SMI source (F0 Index 92h[2:0]), they too can be used as a Resume event. No other CS5530 pins can be used to
wake-up the system from Suspend when the clocks are stopped. As long as the 32 KHz clock remains active,
internal SMI events are also Resume events.
Index AFh
Suspend Notebook Command Register (WO)
Reset Value = 00h
7:0
Software CPU Stop Clock Suspend (Write Only): A write to this register causes a SUSP#/SUSPA# handshake with the
CPU, placing the CPU in a low-power state. Following this handshake, the SUSP_3V pin is asserted. The SUSP_3V pin
is intended to be used to stop all system clocks.
Upon a Resume event (see note), the SUSP_3V pin is deasserted. After a slight delay, the CS5530 deasserts the SUSP#
signal. Once the clocks are stable, the processor deasserts SUSPA# and system operation resumes.
Note: If the clocks are stopped the external IRQ4 and IRQ3 pins, when enabled (F3BAR+Memory Offset 1Ah[4:3]), are
the only IRQ pins that can be used as a Resume event. If GPIO2, GPIO1, and GPIO0 are enabled as an external
SMI source (F0 Index 92h[2:0]), they too can be used as a Resume event. No other CS5530 pins can be used to
wake-up the system from Suspend when the clocks are stopped.
Index B0h-B3h
Reserved
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com