Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 168Page - National Semiconductor (TI) CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) CS5530 Datasheet HTML 171Page - National Semiconductor (TI) CS5530 Datasheet HTML 172Page - National Semiconductor (TI) CS5530 Datasheet HTML 173Page - National Semiconductor (TI) CS5530 Datasheet HTML 174Page - National Semiconductor (TI) CS5530 Datasheet HTML 175Page - National Semiconductor (TI) CS5530 Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 241 page
background image
www.national.com
172
Revision 4.1
Register Descriptions (Continued)
Index B4h
Floppy Port 3F2h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 3F2h Shadow (Read Only): Last written value of I/O Port 3F2h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
Index B5h
Floppy Port 3F7h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 3F7h Shadow (Read Only): Last written value of I/O Port 3F7h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
Index B6h
Floppy Port 1F2h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 1F2h Shadow (Read Only): Last written value of I/O Port 1F2h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
Index B7h
Floppy Port 1F7h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 1F7h Shadow (Read Only): Last written value of I/O Port 1F7h. Required for support of FDC power
ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
Index B8h
DMA Shadow Register (RO)
Reset Value = xxh
7:0
DMA Shadow (Read Only): This 8-bit port sequences through the following list of shadowed DMA Controller registers. At
power on, a pointer starts at the first register in the list and consecutively reads incrementally through it. A write to this
register resets the read sequence to the first register. Each shadow register in the sequence contains the last data written
to that location.
The read sequence for this register is:
1. DMA Channel 0 Mode Register
2. DMA Channel 1 Mode Register
3. DMA Channel 2 Mode Register
4. DMA Channel 3 Mode Register
5. DMA Channel 4 Mode Register
6. DMA Channel 5 Mode Register
7. DMA Channel 6 Mode Register
8. DMA Channel 7 Mode Register
9. DMA Channel Mask Register (bit 0 is channel 0 mask, etc.)
10. DMA Busy Register (bit 0 or 1 means a DMA occurred within last 1ms, all other bits are 0)
Index B9h
PIC Shadow Register (RO)
Reset Value = xxh
7:0
PIC Shadow (Read Only): This 8-bit port sequences through the following list of shadowed Programmable Interrupt Con-
troller registers. At power on, a pointer starts at the first register in the list and consecutively reads incrementally through
it. A write to this register resets the read sequence to the first register. Each shadow register in the sequence contains the
last data written to that location.
The read sequence for this register is:
1. PIC1 ICW1
2. PIC1 ICW2
3. PIC1 ICW3
4. PIC1 ICW4 - Bits [7:5] of ICW4 are always 0
5. PIC1 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
6. PIC1 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
7. PIC2 ICW1
8. PIC2 ICW2
9. PIC2 ICW3
10. PIC2 ICW4 - Bits [7:5] of ICW4 are always 0
11. PIC2 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
12. PIC2 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
Note: To restore OCW2 to shadow register value, write the appropriate address twice. First with the shadow register
value, then withthe shadow register valueORedwithC0h.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com