Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 170 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 170 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 166Page - National Semiconductor (TI) CS5530 Datasheet HTML 167Page - National Semiconductor (TI) CS5530 Datasheet HTML 168Page - National Semiconductor (TI) CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) CS5530 Datasheet HTML 171Page - National Semiconductor (TI) CS5530 Datasheet HTML 172Page - National Semiconductor (TI) CS5530 Datasheet HTML 173Page - National Semiconductor (TI) CS5530 Datasheet HTML 174Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 241 page
background image
www.national.com
170
Revision 4.1
Register Descriptions (Continued)
Index 9Ch-9Dh
Parallel / Serial Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Parallel/SerialIdle Timer Count: This idle timer is used to determine when the parallel and serial ports are not in use
so that the ports can be power managed. The 16-bit value programmed here represents the period of inactivity for these
ports after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to the parallel (LPT) or serial (COM) I/O address spaces. If the mouse is enabled on a serial port, that port
is not considered here. The counter uses a 1 second timebase.
To enable this timer set F0 Index 81h[2] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[2].
Index 9Eh-9Fh
Keyboard / Mouse Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Keyboard / Mouse Idle Timer Count: This idle timer determines when the keyboard and mouse are not in use so that
the LCD screen can be blanked. The 16-bit value programmed here represents the period of inactivity for these ports
after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to either the keyboard or mouse I/O address spaces, including the mouse serial port address space when
a mouse is enabled on a serial port. The counter uses a 1 second timebase.
To enable this timer set F0 Index 81h[3] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
Index A0h-A1h
User Defined Device 1 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 1 (UDEF1) Idle Timer Count: This idle timer determines when the device configured as UDEF1 is
not in use so that it can be power managed. The 16-bit value programmed here represents the period of inactivity for this
device after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to memory or I/O address space configured in F0 Index C0h (base address register) and F0 Index CCh
(control register). The counter uses a 1 second timebase.
To enable this timer set F0 Index 81h[4] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
Index A2h-A3h
User Defined Device 2 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 2 (UDEF2) Idle Timer Count: This idle timer determines when the device configured as UDEF2 is
not in use so that it can be power managed. The 16-bit value programmed here represents the period of inactivity for this
device after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to memory or I/O address space configured in the F0 Index C4h (base address register) and F0 Index CDh
(control register). The counter uses a 1 second timebase.
To enable this timer set F0 Index 81h[5] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[5].
Index A4h-A5h
User Defined Device 3 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 3 (UDEF3) Idle Timer Count: This idle timer determines when the device configured as UDEF3 is
not in use so that it can be power managed. The 16-bit value programmed here represents the period of inactivity for this
device after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to memory or I/O address space configured in the UDEF3 Base Address Register (F0 Index C8h) and
UDEF3 Control Register (F0 Index CEh). The counter uses a 1 second timebase.
To enable this timer set F0 Index 81h[6] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[6].
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com