Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) CS5530 Datasheet HTML 171Page - National Semiconductor (TI) CS5530 Datasheet HTML 172Page - National Semiconductor (TI) CS5530 Datasheet HTML 173Page - National Semiconductor (TI) CS5530 Datasheet HTML 174Page - National Semiconductor (TI) CS5530 Datasheet HTML 175Page - National Semiconductor (TI) CS5530 Datasheet HTML 176Page - National Semiconductor (TI) CS5530 Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 241 page
background image
Revision 4.1
173
www.national.com
Register Descriptions (Continued)
Index BAh
PIT Shadow Register (RO)
Reset Value = xxh
7:0
PIT Shadow (Read Only): This 8-bit port sequences through the following list of shadowed Programmable Interval Timer
registers. At power on, a pointer starts at the first register in the list and consecutively reads to increment through it. A
write to this register resets the read sequence to the first register. Each shadow register in the sequence contains the last
data written to that location.
The read sequence for this register is:
1. Counter 0 LSB (least significant byte)
2. Counter 0 MSB
3. Counter 1 LSB
4. Counter 1 MSB
5. Counter 2 LSB
6. Counter 2 MSB
7. Counter 0 Command Word
8. Counter 1 Command Word
9. Counter 2 Command Word
Note: The LSB/MSB of the count is the Counter base value, not the current value.
Bits [7:6] of the command words are not used.
Index BBh
RTC Index Shadow Register (RO)
Reset Value = xxh
7:0
RTC Index Shadow (Read Only): The RTC Shadow register contains the last written value of the RTC Index
register (I/O Port 070h).
Index BCh
Clock Stop Control Register (R/W)
Reset Value = 00h
7:4
PLL Delay: The programmed value in this field sets the delay (in milliseconds) after a break event occurs before the
SUSP# pin is deasserted to the CPU. This delay is designed to allow the clock chip and CPU PLL to stabilize before start-
ing execution. This delay is only invoked if the STP_CLK bit (bit 0) was set.
The four-bit field allows values from 0 to 15 ms.
0000 = 0 ms
0100 = 4 ms
1000 = 8 ms
1100 = 12 ms
0001 = 1 ms
0101 = 5 ms
1001 = 9 ms
1101 = 13 ms
0010 = 2 ms
0110 = 6 ms
1010 = 10 ms
1110 = 14 ms
0011 = 3 ms
0111 = 7 ms
1011 = 11 ms
1111 = 15 ms
3:1
Reserved: Set to 0.
0
CPU Clock Stop: 0 = Normal SUSP#/ SUSPA# handshake; 1 = Full system Suspend.
Note: This register configures the CS5530 to support a 3 Volt Suspend. Setting bit 0 causes the SUSP_3V pin to assert after the
appropriate conditions, stopping the system clocks. A delay of 0 to 15 ms is programmable (bits 7:4) to allow for a delay for the
clock chip and CPU PLL to stabilize when an event Resumes the system.
A write to the CPU Suspend Command Register (F0 Index AEh) with bit 0 written as:
0 = SUSP#/SUSPA# handshake occurs. The CPU is put into a low-power state, and the system clocks are not stopped.
When a break/resume event occurs, it releases the CPU halt condition.
1 = SUSP#/SUSPA# handshake occurs and the SUSP_3V pin is asserted, thus invoking a full system Suspend (both CPU
and system clocks are stopped). When a break event occurs, the SUSP_3V pin will deassert, the PLL delay programmed in
bits [7:4] will be invoked which allows the clock chip and CPU PLL to stabilize before deasserting the SUSP# pin.
Index BDh-BFh
Reserved
Index C0h-C3h
User Defined Device 1 Base Address Register (R/W)
Reset Value = 00000000h
31:0
User Defined Device 1 (UDEF1) Base Address [31:0]: This 32-bit register supports power management (trap and idle
timer resources) for a PCMCIA slot or some other device in the system. The value written is used as the address compar-
ator for the device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CCh).
Index C4h-C7h
User Defined Device 2 Base Address Register (R/W)
Reset Value = 00000000h
31:0
User Defined Device 2 (UDEF2) Base Address [31:0]: This 32-bit register supports power management (trap and idle
timer resources) for a PCMCIA slot or some other device in the system. The value written is used as the address compar-
ator for the device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CDh).
Index C8h-CBh
User Defined Device 3 Base Address Register (R/W)
Reset Value = 00000000h
31:0
User Defined Device 3 (UDEF3) Base Address [31:0]: This 32-bit register supports power management (trap and idle
timer resources) for a PCMCIA slot or some other device in the system. The value written is used as the address compar-
ator for the device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CEh).
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com