Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 178 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 178 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 182Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
178
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Cleared when a ‘1’ is written
0
GPIO1_EINT
0
GPIO1 interrupt
0 = interrupt not set
1 = interrupt is set
Cleared when a ‘1’ is written
Register 12h GPIO CTRL 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19 (13h)
GPIO1 &
GPIO2
5
GPIO1_PU
0
GPIO1 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
GPIO1_PD
1
GPIO1 pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3:0
GPIO1_SEL
[3:0]
0000
GPIO1 function select
0000 = GPIO input
0001 = OPCLK
0010 = Logic 0
0011 = Logic 1
0100 = FLL_LOCK
0101 = TEMPOK
0110 = Reserved
0111 = IRQ
1000 = MICBIAS1 current detect
1001 = MICBIAS1 short circuit detect
1010 = MICBIAS2 current detect
1011 = MICBIAS short circuit detect
11XX = Reserved
Register 13h GPIO1 & GPIO2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
IRQ_DEBO
UNCE
15
JD2_SC_DB
0
MICBIAS2 Short Circuit de-bounce
0 = disabled
1 = enabled
14
JD2_DB
0
MICBIAS2 Current Detect de-bounce
0 = disabled
1 = enabled
13
WSEQ_DB
0
Write Sequencer de-bounce
0 = disabled
1 = enabled
11
TEMPOK_DB
0
Temp OK de-bounce
0 = disabled
1 = enabled
10
JD1_SC_DB
0
MICBIAS1 Short Circuit de-bounce
0 = disabled
1 = enabled
9
JD1_DB
0
MICBIAS1 Current Detect de-bounce
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com