Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 176 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 176 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 180Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
176
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10 = Right ADC
11 = Reserved
1:0
ADC_TO_DAC
R [1:0]
00
Right DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
Register 0Dh Digital Side Tone
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14 (0Eh)
ADC CTRL
9
ADC_OSR128
1
ADC Oversample Rate Select
0 = disabled
1 = enabled
For 48kHz sample rate, the ADC oversample rate is
128fs when ADC_OSR128 is selected. Setting this bit
to 0 selects 64fs mode.
Default is 128fs.
8
ADC_HPF
1
ADC Digital High Pass Filter Enable
0 = disabled
1 = enabled
6:5
ADC_HPF_CU
T [1:0]
00
ADC Digital High Pass Filter Cut-Off Frequency (fc)
00 = Hi-fi mode (fc=4Hz at fs=48kHz)
01 = Voice mode 1 (fc=127Hz at fs=16kHz)
10 = Voice mode 2 (fc=130Hz at fs=8kHz)
11 = Voice mode 3 (fc=267Hz at fs=8kHz)
(Note: fc scales with sample rate.)
1
ADCL_DATINV
0
Left ADC Invert
0 = Left ADC output not inverted
1 = Left ADC output inverted
0
ADCR_DATIN
V
0
Right ADC Invert
0 = Right ADC output not inverted
1 = Right ADC output inverted
Register 0Eh ADC CTRL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R15 (0Fh)
Left ADC
Digital
Volume
8
ADC_VU
0
ADC Volume Update
Writing a 1 to this bit will cause left and right ADC
volume to be updated simultaneously
7:0
ADCL_VOL
[7:0]
1100_0000 Left ADC Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0Fh Left ADC Digital Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com