Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 179Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
175
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1 = DAC Mute
1
DACL_DATINV
0
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
0
DACR_DATIN
V
0
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
Register 0Ah DAC CTRL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
Left DAC
Digital
Volume
8
DAC_VU
0
DAC Volume Update
Writing a 1 to this bit will cause left and right DAC
volume to be updated simultaneously
7:0
DACL_VOL
[7:0]
1100_0000 Left DAC Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
Register 0Bh Left DAC Digital Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Right DAC
Digital
Volume
8
DAC_VU
0
DAC Volume Update
Writing a 1 to this bit will cause left and right DAC
volume to be updated simultaneously
7:0
DACR_VOL
[7:0]
1100_0000 Right DAC Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
Register 0Ch Right DAC Digital Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13 (0Dh)
Digital Side
Tone
12:9
ADCL_DAC_S
VOL [3:0]
0000
Left Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
8:5
ADCR_DAC_S
VOL [3:0]
0000
Right Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
3:2
ADC_TO_DAC
L [1:0]
00
Left DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com