Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 173 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 173 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 177Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
173
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1011 = CLK_SYS / 22
1100 = CLK_SYS / 24
1101 = CLK_SYS / 32
1110 = CLK_SYS / 44
1111 = CLK_SYS / 48
Register 06h Clocking 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Clocking 2
15
MCLK_SRC
0
MCLK Source Select
0 = MCLK pin
1 = GPIO1 pin
14
SYSCLK_SRC
0
CLK_SYS Source Select
0 = MCLK
1 = FLL output
12
MCLK_DIV
0
MCLK Divider
0 = MCLK
1 = MCLK / 2
10
MCLK_INV
0
MCLK Invert
0 = MCLK not inverted
1 = MCLK inverted
7:5
ADC_DIV [2:0]
000
ADC Sample Rate Divider
000 = CLK_SYS / 1
001 = CLK_SYS / 1.5
010 = CLK_SYS / 2
011 = CLK_SYS / 3
100 = CLK_SYS / 4
101 = CLK_SYS / 5.5
110 = CLK_SYS / 6
111= Reserved
Note - this field is ignored and invalid in Automatic
Clocking Configuration mode.
4:2
DAC_DIV [2:0]
000
DAC Sample Rate Divider
000 = CLK_SYS / 1
001 = CLK_SYS / 1.5
010 = CLK_SYS / 2
011 = CLK_SYS / 3
100 = CLK_SYS / 4
101 = CLK_SYS / 5.5
110 = CLK_SYS / 6
111= Reserved
Note - this field is ignored and invalid in Automatic
Clocking Configuration mode.
Register 07h Clocking 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
ADCLRC
Generation
15
AIF_MSTR1
0
Audio Interface 1 Master Mode Select
0 = Slave mode
1 = Master mode
Register 08h ADCLRC Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com