Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 172 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 172 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
172
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0 = disabled
1 = enabled
1
ADC_COMPM
ODE
0
ADC Companding Type
0 = μ-law
1 = A-law
0
LOOPBACK
0
Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADC data output is directly
input to DAC data input).
Register 05h Audio Interface (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Clocking 1
15
TOCLK_RATE
0
TOCLK Rate Divider (/2)
0 = f / 2
1 = f / 1
14
TOCLK_ENA
0
TOCLK Enable
0 = disabled
1 = enabled
12:9
OPCLK_DIV
[3:0]
0000
GPIO Output Clock Divider
0000 = CLK_SYS
0001 = CLK_SYS / 2
0010 = CLK_SYS / 3
0011 = CLK_SYS / 4
0100 = CLK_SYS / 5.5
0101 = CLK_SYS / 6
0110 = CLK_SYS / 8
0111 = CLK_SYS / 12
1000 = CLK_SYS / 16
1001 to 1111 = Reserved
8:6
DCLK_DIV
[2:0]
111
Class D Clock Divider
000 = CLK_SYS
001 = CLK_SYS / 2
010 = CLK_SYS / 3
011 = CLK_SYS / 4
100 = CLK_SYS / 6
101 = CLK_SYS / 8
110 = CLK_SYS / 12
111 = CLK_SYS / 16
Note - this field is ignored and invalid in Automatic
Clocking Configuration mode.
4:1
BCLK_DIV
[3:0]
0100
BCLK Rate
0000 = CLK_SYS
0001 = CLK_SYS / 1.5
0010 = CLK_SYS / 2
0011 = CLK_SYS / 3
0100 = CLK_SYS / 4
0101 = CLK_SYS / 5.5
0110 = CLK_SYS / 6
0111 = CLK_SYS / 8
1000 = CLK_SYS / 11
1001 = CLK_SYS / 12
1010 = CLK_SYS / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com