Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 174 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 174 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 178Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
174
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
DACLRC
Generation
13
AIF_TRIS
0
Audio Interface Tristate
0 = Audio interface pins operate normally
1 = Tristate all audio interface pins
11
LRCLK_DIR
0
LRCLK Direction
(Forces LRCLK clock to be output in slave mode)
0 = LRCLK normal operation
1 = LRCLK clock output enabled
10:0
LRCLK_RATE
[10:0]
000_0100_
0000
LRCLK Rate
LRCLK clock output =
BCLK / LRCLK_RATE
Integer (LSB = 1)
Valid from 8..2047
Register 09h DACLRC Generation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC CTRL
13
DAC_OSR128
0
DAC Oversample Rate Select
0 = disabled
1 = enabled
For 48kHz sample rate, the DAC oversample rate is
128fs when DAC_OSR128 is selected.
This is valid in Automatic mode only. The default is
64fs.
9
DAC_MONO
0
DAC Mono Mix
0 = Disabled
1 = Enabled
Only valid when one or other DAC is disabled.
8
DAC_SB_FILT
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Note - this field is ignored and invalid in Automatic
Clocking Configuration mode.
7
DAC_MUTERA
TE
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is 10.7ms at
fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is 171ms at
fs=48k)
(Note: ramp rate scales with sample rate.)
6
DAC_UNMUTE
_RAMP
0
DAC Unmute Ramp select
0 = Disabling soft-mute (DAC_MUTE=0) will cause the
DAC volume to change immediately to DACL_VOL and
DACR_VOL settings
1 = Disabling soft-mute (DAC_MUTE=0) will cause the
DAC volume to ramp up gradually to the DACL_VOL
and DACR_VOL settings
5:4
DEEMPH [1:0]
00
DAC De-Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
2
DAC_MUTE
1
DAC Soft Mute Control
0 = DAC Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com