Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 2 Page - Texas Instruments

  LP3913 Datasheet HTML 1Page - Texas Instruments LP3913 Datasheet HTML 2Page - Texas Instruments LP3913 Datasheet HTML 3Page - Texas Instruments LP3913 Datasheet HTML 4Page - Texas Instruments LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Cchg _det
4.7 2F
VDD1
AC Adapter
4. 5 - 6.0V
CHG_ DET
Cusb
4.7 2F
USBPWR
Vbus
5V
USBSUSP
Li-ion/ polymer cell
USB
Controller
USBISEL
VBATT1
Cbatt
4.7 2F
+
TS
OSC
ThSD
I2C_ SDA
I2C_ SCL
ONSTAT
SoC
ADC2
gpio
scl
sda
reset
22k
22k
1.8 k
1.8 k
VBATT3
D+
D-
VLDO2
AGND
DGND
IREF
GND
Cldo2
1.0 2F
LDO2EN
Logic Control
and Registers
i2c
iref
Battery
Monitor
LDO 2
Linear
Charger
VLDO1
Cldo1
1.0 2F
LDO1
VBUCK2
Csw2
10 2F
Lsw2
2. 2 2H
VFB2
BUCK 2
Csw1
10 2F
Lsw1
2. 2 2H
BUCK1
ADC1
Riref
VBUCK1
vrefhi
Audio Analog
vbus
SDRAM / DDR
TFT
backlight
Boost
Display
Back
Lighting
Touchpad
gpio
USB2.0
121k
VFB1
POWERACK
Cvrefh
VREFH
Cvdd
4.72F
ADC
ONOFF
RED
GREEN
CHG
STAT
cpu
vddio
IO
Cvin4
10 2F
Cvin3
10 2F
Cvin1
1 2F
VIN1
VIN2
VIN3
VIN4
BUCK1EN
VBATT2
VDD3
VDD2
NRST
IRQB
22k
irq
Rsense 4.64k
ISENSE
VDDIO
Cvin2
10 2F
Flash
BUCK 3
Csw3
22 2F
Lsw3
2. 2 2H
VBUCK3
VFB3
VBUCK3L2
VBUCK3L1
1.2V
0.1 2F
BCK3GND2
BCK3GND1
BCK2GND
BCK1GND
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL APPLICATION CIRCUIT
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com