Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 58Page - Texas Instruments LP3913 Datasheet HTML 59Page - Texas Instruments LP3913 Datasheet HTML 60Page - Texas Instruments LP3913 Datasheet HTML 61Page - Texas Instruments LP3913 Datasheet HTML 62Page - Texas Instruments LP3913 Datasheet HTML 63Page - Texas Instruments LP3913 Datasheet HTML 64Page - Texas Instruments LP3913 Datasheet HTML 65Page - Texas Instruments LP3913 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
Factory Programmable Options
The following options are programmed for the LP3913. The system designer that needs specific options is
advised to contact the local TI sales office.
Factory programmable options
Default Value
LDO1 output voltage after power up
2.0V
LDO2 output voltage after power up
3.3V
BUCK1 output voltage after power up
1.2V
BUCK2 output voltage after power up
3.3V
BUCK3 power voltage after power up
3.3V
Battery low threshold
2.90V
Delay for LDO1 and LDO2
5 ms
Delay for Buck1
15 ms
Delay for Buck2
20 ms
Delay for BucK3
25 ms
Delay for NRST
60 ms
Default Full Rate Charge Current
100 mA
EOC Default
0.1C
VTERM Default
4.2V
ONOFF Edge/Level
Level
ONOFF Polarity
Positive
Buck1 Enable Polarity
Positive
LDO2 Enable Polarity
Positive
Ignore Ten Hour Timer
No
LED default current
10 mA
Buck3 500 mA output current
Yes
Thermistor 10k/100k
100k
The I2C Chip ID address is offered as a metal mask option. The current value equals 60 hex.
PCB Layout Considerations
For good performance of the circuit, it is essential to place the input and output capacitors very close to the
circuit and use wide routing for the traces allowing high currents.
Sensitive components should be placed far from those components with high pulsating current.
Decoupling capacitors should be close to circuit’s VIN pins. Digital and analog ground should be routed
separately and connected together in a star connection.
It’s good practice to minimize high current and switching current paths.
LDO Regulators
Place the filter capacitors very close to the input and output pins. Use large trace width for high current carrying
traces and the returns to ground.
BUCK Regulators
Place the supply bypass, filter capacitor and inductor close together and keep the traces short. The traces
between these components carry relatively high switching current and act as antennas. Following these rules
reduces radiated noise.
Arrange the components so that the switching current loops curl in the same direction.
62
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com