Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 52Page - Texas Instruments LP3913 Datasheet HTML 53Page - Texas Instruments LP3913 Datasheet HTML 54Page - Texas Instruments LP3913 Datasheet HTML 55Page - Texas Instruments LP3913 Datasheet HTML 56Page - Texas Instruments LP3913 Datasheet HTML 57Page - Texas Instruments LP3913 Datasheet HTML 58Page - Texas Instruments LP3913 Datasheet HTML 59Page - Texas Instruments LP3913 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
BUCK3 Control Register
Buck3 is controlled through its dedicated control register. Buck3 is enabled through the power-on sequencing.
The system processor is required to select the desired Buck3 output voltage through bits D4-0 before enabling it
by setting bit D6 in the control register. Buck3 is also disabled when 5'b00000 is programmed in the register field
D4-0, regardless of the state of the bit D6. When Buck3 is disabled, its output is internally tied low through a
1M
Ω resistor. If D4-0 is set to 5'b00000, the 1MΩ resistor is disconnected.
The default output voltage for the buck can be set to 1.8V, 2.5V, 2.8V, 3.3V, and is factory programmable.
BUCK3 Control Register (07)H
D7
D6
D5
D4–0
Access
Read Only 0
R/W
Data
Reserved
Force PWM
Operation
BUCK3 Output Voltage (V)
0: Automatic
0: disable
5’h00
disabled
modulation mode
1: enable
5’h01
1.80
1: Force PWM
modulation
5’h02
1.85
5’h03
1.90
5’h04
1.95
5’h05
2.00
5’h06
2.05
5’h07
2.10
5’h08
2.15
5’h09
2.20
5’h0A
2.25
5’h0B
2.30
5’h0C
2.35
5’h0D
2.40
5’h0E
2.45
5’h0F
2.50
5’h10
2.55
5’h11
2.60
5’h12
2.65
5’h13
2.70
5’h14
2.75
5’h15
2.80
5’h16
2.85
5’h17
2.90
5’h18
2.95
5’h19
3.00
5’h1A
3.05
5’h1B
3.10
5’h1C
3.15
5’h1D
3.20
5’h1E
3.25
5’h1F
3.30
Reset
n/a
0
1
5’h1F
56
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com