Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments LP3913 Datasheet HTML 13Page - Texas Instruments LP3913 Datasheet HTML 14Page - Texas Instruments LP3913 Datasheet HTML 15Page - Texas Instruments LP3913 Datasheet HTML 16Page - Texas Instruments LP3913 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
ADC ELECTRICAL CHARACTERISTICS
External components:
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
T = 25°C
1.220
1.225
1.230
V
T = 0°C to +125°C
1.200
1.225
1.230
V
INL
Core ADC Integral Non-
VREF = 1.225
(1)
-1
1
LSB
linearity
DNL
Core ADC Differential Non- VREF = 1.225
(1)
-0.5
0.5
LSB
linearity
VGP_IN
General Purpose ADC
VREF
2·VREF
V
Input Voltage Range
VBATT,
Battery Max Voltage Scalar VBATT = 3.5V
2.435
2.45
2.465
V
Output
RANGE 0
Battery Min Voltage Scalar
VBATT = 2.6V
1.217
1.225
1.232
V
Output
VBATT,
Battery Max Voltage Scalar VBATT = 4.4V
2.435
2.45
2.465
V
Output
RANGE 1
Battery Min Voltage Scalar
VREF = 2.6V
1.217
1.225
1.232
V
Output
VISENSE
ISENSE Max Voltage
VISENSE = 0.6463V
Scalar Output
(ICHG = 0.605A,
2.373
2.45
2.519
V
RSENSE = 4.64 kΩ)
RANGE 0
ISENSE Min Voltage
VISENSE = 0V
Scalar Output
(ICHG = 0A,
1.186
1.225
1.260
V
RSENSE = 4.64 kΩ)
VISENSE
ISENSE Max Voltage
VISENSE = 1.175V
Scalar Output
(ICHG = 1.1A,
2.373
2.45
2.519
V
RSENSE = 4.64 kΩ)
RANGE 1
ISENSE Min Voltage
VISENSE = 0V (ICHG = 0A,
1.186
1.225
1.260
V
Scalar Output
RSENSE = 4.64 kΩ)
ADC1 & ADC2 MIN
ADC1 & ADC2 Min Voltage VREFH = 1.225
1.218
1.225
1.230
V
Scalar Output
ADC1 & ADC2MAX
ADC1 & ADC2 Max
VREFH = 1.225
2.436
2.45
2.46
V
Voltage Scalar Output
tCONV
Conversion Time
(1)
5
ms
tWARM
Warm-up Time
2
ms
(1)
Specified by design. Not production tested.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com