Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 13Page - Texas Instruments LP3913 Datasheet HTML 14Page - Texas Instruments LP3913 Datasheet HTML 15Page - Texas Instruments LP3913 Datasheet HTML 16Page - Texas Instruments LP3913 Datasheet HTML 17Page - Texas Instruments LP3913 Datasheet HTML 18Page - Texas Instruments LP3913 Datasheet HTML 19Page - Texas Instruments LP3913 Datasheet HTML 20Page - Texas Instruments LP3913 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
TEMPERATURE (°C)
1.000
0.500
0.000
-0.500
-1.000
-1.500
-2.000
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
1.000
0.500
0.000
-0.500
-1.000
-1.500
-2.000
-40 -25 -10 5
20 35 50 65 80 95 110 125
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS — LDO
TA = 25°C unless otherwise noted
Output Voltage Change vs Temperature (LDO1)
Output Voltage Change vs Temperature (LDO2)
Vin = 4.3V, Vout = 3.3V, 100 mA load
Vin = 4.3V, Vout = 1.8V, 100 mA load
Figure 15.
Figure 16.
Load Transient (LDO1)
Load Transient (LDO2)
3.6 Vin, 3.3 Vout, 0 – 100 mA load
3.6 Vin, 1.8 Vout, 0 – 100 mA load
Figure 17.
Figure 18.
Line Transient (LDO1)
Line Transient (LDO2)
3.6 - 4.5 Vin, 3.3 Vout, 150 mA load
3 – 4.2 Vin, 1.8 Vout, 150 mA load
Figure 19.
Figure 20.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com