Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 49Page - Texas Instruments LP3913 Datasheet HTML 50Page - Texas Instruments LP3913 Datasheet HTML 51Page - Texas Instruments LP3913 Datasheet HTML 52Page - Texas Instruments LP3913 Datasheet HTML 53Page - Texas Instruments LP3913 Datasheet HTML 54Page - Texas Instruments LP3913 Datasheet HTML 55Page - Texas Instruments LP3913 Datasheet HTML 56Page - Texas Instruments LP3913 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
VBUCK
VFB
Lsw
Csw
Cff
R1
R2
Load
BCKGND
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Figure 67. External Control of Buck Output Voltage through Feedback Resistor Ladder
BUCK1, BUCK2 Control Registers and BUCK1EN Pin
BUCK1 and BUCK2 are configurable through I2C accessible registers. Bit fields D4–0 control the output voltage.
Bit D5 defines the Modulation mode of the buck, which by default automatically selects PWM or PFM mode
depending on the load as described above in the functional description. The modulation mode can be forced to
PWM mode regardless of the load by setting bit D5 to a logic 1 in the corresponding buck control register.
Bit D6 controls the enable/disable state of the buck, which is different for BUCK1 and BUCK2 as BUCK1 has an
external enable pin: BUCK1EN.
For BUCK1, by default or when D6 is programmed logic 0 in the BUCK1 control register, enable/disable control
is passed onto the BUCK1EN pin. A logic 1 applied to this pin enables BUCK1 while a logic 0 disables BUCK1.
Setting D6 to 1 in the BUCK1 control register enables BUCK1, regardless of the state of the BUCK1EN pin. If the
system designer permanently connects the BUCK1EN pin to GND, then D6 is simply a enable/disable control bit.
If the system design permanently connects the enable pin to VDD, then the BUCK1 is enabled during the power-
on sequence and will always be on, regardless of the state of bit D6 in the BUCK1 control register (see Power
On/Off Sequencing).
BUCK2 is by default enabled during the power-on sequence and can be enabled/disabled through bit D6 in the
BUCK2 control register.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com