Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 17Page - Texas Instruments LP3913 Datasheet HTML 18Page - Texas Instruments LP3913 Datasheet HTML 19Page - Texas Instruments LP3913 Datasheet HTML 20Page - Texas Instruments LP3913 Datasheet HTML 21Page - Texas Instruments LP3913 Datasheet HTML 22Page - Texas Instruments LP3913 Datasheet HTML 23Page - Texas Instruments LP3913 Datasheet HTML 24Page - Texas Instruments LP3913 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS - BUCK (continued)
TA = 25°C unless otherwise noted
Buck 1 Load Transient Response
Buck 1 Load Transient Response
VIN = 4.2V, VOUT = 1.2V
VIN = 4.2V, VOUT = 1.2V
ILOAD = 200-400mA (PWM Mode)
ILOAD = 50-150mA (PFM to PWM)
Figure 35.
Figure 36.
Buck 2 Load Transient Response
Buck 2 Load Transient Response
VIN = 4.2V, VOUT = 3.3V
VIN = 4.2V, VOUT = 3.3V
ILOAD = 200-400mA (PWM Mode)
ILOAD = 50-150mA (PFM to PWM)
Figure 37.
Figure 38.
Line Transient Response
Line Transient Response
Vin = 3 – 3.6 V, Vout = 1.2 V, 250 mA load
Vin = 3.6 – 4.2 V, Vout = 3.3 V, 250 mA load
Figure 39.
Figure 40.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com