Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments LP3913 Datasheet HTML 13Page - Texas Instruments LP3913 Datasheet HTML 14Page - Texas Instruments LP3913 Datasheet HTML 15Page - Texas Instruments LP3913 Datasheet HTML 16Page - Texas Instruments LP3913 Datasheet HTML 17Page - Texas Instruments LP3913 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
VBATT(V)
55.0
53.0
51.0
49.0
47.0
45.0
1.0
1.5
2.0
2.5
3.0
125°C
25°C
0°C
USBPWR (V)
56.0
54.0
52.0
50.0
48.0
4.0
4.5
5.0
5.5
6.0
125°C
25°C
0°C
CHG_DET PIN VOLTAGE (V)
-7.50
-7.70
-7.90
-8.10
-8.30
-8.50
4.0
4.5
5.0
5.5
6.0
-20°C
25°C
125°C
VBATT (V)
540
520
500
480
460
440
2.75
3.00
3.25
3.50
3.75
4.00
4.25
125°C
25°C
0°C
TEMPERATURE (°C)
-7.50
-7.90
-8.10
-8.30
-8.50
-20
10
40
70
100
130
-7.70
JUNCTION TEMPERATURE (°C)
4. 250
4. 240
4. 230
4. 220
4. 210
4. 200
4. 190
4. 180
4. 170
4
.
160
4. 150
-50
0
50
100
150
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS — BATTERY CHARGER
TA = 25°C unless otherwise noted
Vterm 4.2V vs. Temperature
TS Pin Current vs. Temperature
Figure 2.
Figure 3.
ICHG vs. VBATT
TS Pin Current vs. CHG_DET
CHG_DET = 5.0V, CC
Figure 4.
Figure 5.
ICHG vs. VBATT
CHG_DET = 5.0V, Prequal
ICHG vs. USBPWR
IPROG = 500mA
VBATT = 2.5V, Prequal
Figure 6.
Figure 7.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com