Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 27Page - Texas Instruments LP3913 Datasheet HTML 28Page - Texas Instruments LP3913 Datasheet HTML 29Page - Texas Instruments LP3913 Datasheet HTML 30Page - Texas Instruments LP3913 Datasheet HTML 31Page - Texas Instruments LP3913 Datasheet HTML 32Page - Texas Instruments LP3913 Datasheet HTML 33Page - Texas Instruments LP3913 Datasheet HTML 34Page - Texas Instruments LP3913 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
ONSTAT
NRST
POWERACK deadline
VBUCK2
or
ONOFF
External
Events
128 ms
POWERACK
t4
VREFH
(Bit D4 in PON register or
POWERBACK pin)
VBUCK3
VBUCK1
CHG_DET/USBPWR
(If LDO2ENB is logic 1 during NRST Low,
otherwise LDO2 are register or pin enabled)
VLDO1, VLDO2
t3
t2
t1
t0
t5
60 ms
deglitch
deglitch
32 ms
32 ms
25 ms
20 ms
15 ms
5 ms
(To Microprocessor)
(From Microprocessor)
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Figure 56. Power Up Sequence
Transitioning From Active Mode To Standby Mode
External Event Triggers the Transition from Active to Standby Mode
When the device is active, a subsequent re-assertion of the push button will turn off the LP3913 indirectly by first
flagging the system processor though the ONSTAT pin. Upon detecting the ONSTAT transition, the system
processor must clear bit D4 (PACK) in the Power On Event Register and apply a logic low to the POWERACK
pin to power down the LP3913, which then transitions to Standby Mode. Clearing the PACK register bit and
POWERACK pin while external supply sources are present (either USB or CHG_IN) will not power down the
LP3913, to keep the charger active. The system can as always disable all necessary DC/DC converters, except
BUCK1, through the register control.
When external power is disconnected, LP3913 will remain in its Active state unless the battery voltage is below
VBLA (Battery Low Alarm) or unless the PACK (either bit D4 in the PON register and the POWERACK pin) is
cleared by the system processor.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com