Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 43Page - Texas Instruments LP3913 Datasheet HTML 44Page - Texas Instruments LP3913 Datasheet HTML 45Page - Texas Instruments LP3913 Datasheet HTML 46Page - Texas Instruments LP3913 Datasheet HTML 47Page - Texas Instruments LP3913 Datasheet HTML 48Page - Texas Instruments LP3913 Datasheet HTML 49Page - Texas Instruments LP3913 Datasheet HTML 50Page - Texas Instruments LP3913 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
IMR Register (0c)h Interrupt Mask Register
D7–0
Access
r/w
Data
1: Enable INTn (n=0…7) to pull IRQB low
0: Mask Interrupt source INTn
Reset
8’h00
IRQ Register (0d)h Interrupt Request Register
D7–0
Access
Read only
Data
1: Interrupt IRQn (n=0…7) requested
0: No interrupt requested
Reset
8’h00
DC/DC Converters
Overview
The LP3913 provides the DC/DC converters that supply the various power needs of the application by means of
one Buck3 (HDD driver), two Linear Low Drop Regulators (LDO1, LDO2) and two Buck converters (BUCK1,
BUCK2).
The following table lists the output characteristics of the various regulators.
Supply Specification
VOUT (Volts)
IMAXMaximum Output
Supply
Load
Current (mA)
Default (V)
Range (V)
Resolution (mV)
LDO1
various
2.0
1.2 to 3.3
100
150
LDO2
analog
3.3
1.3 to 3.3
100
150
BUCK1
CPU, DSP
1.2
0.8 to 2.0
50
600
BUCK2
IO, Logic,
3.3
1.8 to 3.3
100
600
Memories
BUCK3
Flash
3.3
1.8 to 3.3
50
500
Linear Low Dropout Regulators (LDOS)
LDO1 is a regulator that can respond to fast transients and is slated for digital loads and high bandwidth analog
loads. LDO2 is a linear regulator with a similar architecture but has a slower transient response time with a lower
noise performance to supply analog loads. The output voltages of both LDOs are register programmable through
the I2C interface. The default output voltages are factory programmed during Final Test.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com