Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments LP3913 Datasheet HTML 43Page - Texas Instruments LP3913 Datasheet HTML 44Page - Texas Instruments LP3913 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Li - Ion Cell
Q 2
Q1
USBPWR
ADAPTER
VDD
VBATT
xxxxx
xxxxx
xxxxx
xxxxx
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
charger.
2. USB power is present and supplies the system and the battery.
3. USB power is present but the system demand exceeds the USB current limit, so that the battery provides the
additional power to operate the system.
4. The battery is the sole supply source to the system when no external power source is present
The current flows in the different modes are realized through internal FETS and an external Schottky as
illustrated as follows:
The current provided by the external adapter power or USB power, when inserted, first supplies the system load;
the remainder is used for charging.
The different paths are configured through two internal power FETs, Q1 and Q2, and an external Schottky diode.
Q1 is a Power FET that is only active during USB charging. Q2 functions either as a linear Power FET during
charging or as a low RDSON switch when no external power is present and the battery discharges to supply power
to the system.
Power Route
Q1
Q2
Regulated adapter supply &
OFF
Regulated
battery charging
USB supply & battery
ON
Regulated
charging
No external supply & battery
OFF
ON
discharging
The Power Routing function will allocate power to the system through the VDD pin and to the battery. VDD1, VDD2,
VDD3, VIN1, VIN2, VIN3, and VIN4 must be connected together externally. VBATT1, VBATT2, and VBATT3 must be
connected together externally.
USB Suspend Mode
The LP3913 USB current consumption can be disabled during suspend mode through a dedicated pin
(USBSUSP). Applying a logic 1 to this pin will disable the USB current path and current is reduced to input
leakage current less than 30 µA on the USBPWR pin.
Setting the USB Current Limit
The USB current that is available from the USB on the VBUS wire is limited by default to 100 mA. More current
(up to 800 mA) can be negotiated through a session request protocol between host and peripheral. The USB
current limit needs to be signaled to the LP3913 by means of the USBISEL pin or the ILIMIT Register as indicated
below.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com