Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 24Page - Texas Instruments LP3913 Datasheet HTML 25Page - Texas Instruments LP3913 Datasheet HTML 26Page - Texas Instruments LP3913 Datasheet HTML 27Page - Texas Instruments LP3913 Datasheet HTML 28Page - Texas Instruments LP3913 Datasheet HTML 29Page - Texas Instruments LP3913 Datasheet HTML 30Page - Texas Instruments LP3913 Datasheet HTML 31Page - Texas Instruments LP3913 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Clock
Divider
Oscillator
Comparator
Comparator
Comparator
Comparator
Comparator
6 Bit Up /
Down
Counter
1 kHz
LDO1, LDO2
Buck1
Buck2
Buck3
NRST
t1
t2
t3
t4
t5
up
down
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
Standby
When the LP3913 is in Standby Mode, the chip is waiting for a valid power-on event to transition to Active Mode.
There are 3 valid wakeup signals. First is the ONOFF pin. Second is Wall Adapter Insertion. Third is the USB
insertion. VBATT must be greater than the battery VUVLO in order to stay in Standby Mode, otherwise the chip
transitions to Power Off Mode. Standby Mode is skipped when advancing from Power Off Mode when a battery
is inserted that is above the battery low alarm threshold.
If the battery is below the battery low alarm threshold, Power Off Mode transitions to Standby Mode. However,
hot insertion of the battery with the adapter connected is NOT permitted. In Standby Mode, the current
consumption is reduced to IQ (10 µA TYP).
Active Mode
All LP3913 circuits are fully operational in Active mode.
Power On/Off Sequencing
Each DC/DC converter (Buck1, Buck2, Buck3, LDO1, LDO2) and the NRST pin of the LP3913 has its own delay
after which it is enabled following a power-on event or disabled following a power-off event. Following the
deglitching of the power-on event, the system bandgaps are enabled. Following this is a 5 ms delay that internal
circuitry requires to cleanly power up. The programmable delays are measured from this time point. Following the
deglitching of a power-down event (up to 5 ms if POWERACK pin is used), the power-down sequencer will start.
Each delay ranges from 0 ms to 63 ms in steps of 1 ms and is factory programmed to the desired values
submitted by the system designer. As illustrated below, the power-on/off sequencing is designed around a 6-bit
up/down timer that is clocked at 1 kHz. A power-on or power-off event will trigger the timer, which counts up from
0 during a power-on sequence and counts down from 5'b11111 during a power-down cycle. The timer output is
connected to 5 comparators with factory programmed timeout values that correspond to the on and off delays for
each DC/DC converter and the NRST pin. Once the timer has incremented beyond the comparator timeout value
during a power-on cycle, the output of the comparator enables the corresponding DC/DC converter or raises the
NRST pin to a logic high level. Subsequently, once the timer has decremented below the comparator timeout
value during a power-down cycle, the output of the comparator will disable the corresponding DC/DC converter
or will activate the NRST pin to a logic low level.
Figure 55. Power up Sequence:
28
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com