Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments LP3913 Datasheet HTML 43Page - Texas Instruments LP3913 Datasheet HTML 44Page - Texas Instruments LP3913 Datasheet HTML 45Page - Texas Instruments LP3913 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
+
-
+
-
Control
Logic
1
3
2
Integrator
Comparator
8 Bit ADC
Dready
Overflow
Data
Enable
START
1&2
or
1&3
VO
Vsignal
Vbias
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
If the USB current limit is 100 mA then the USB controller of the peripheral system needs to set the USBISEL logic
0 or by setting the ILIMIT register bits [D1, D0] to 2’b00.
If the USB current limit is 500 mA, then the USB controller needs to apply logic 1 to the USBISEL pin or change
the ILIMIT register accordingly. Under this condition, the LP3913 will allow charging with a charge current that is
determined by the Charge Control Register, not exceeding 500 mA.
The LP3913 will prevent (through internal circuitry) the charge current from exceeding the USB current limit, even
if the current setting in the Charge Control Register exceeds 500 mA.
The controller can also select a USB current limit of 800 mA through I2C that exceeds current USB spec values.
ILIMIT Register (03)h Current Limit Register
D7–2
D1–0
Access
Read only 0
Data
Reserved
USB Current Limit
00: controlled by USBISEL pin
[low = 100 mA, high = 500 mA]
01: 100 mA
10: 500 mA
11: 800 mA
Reset
n/a
2’b00
Analog-to-Digital Converter
LP3913 is equipped with an 8-bit dual-slope integrating analog-to-digital converter. Dual-slope converters provide
effective filtering of >500 kHz and <125 kHz noise components on the input voltage, and does not require a
sample and hold stage. The A/D converter core digitizes the input voltage ranging from VREF to 2VREF, where
VREF is the voltage measured on the VREFH pin. After an initial 2 ms warm-up for the first activation of the ADC
enable bit, the dual-slope converter integrates the input signal during the first phase for approximately 2 ms,
followed by a second phase that integrates VREF for 0 ms to 2 ms depending on the level of the input signal. As a
result the total conversion time varies from 2 ms to 4 ms.
Figure 64. Simplified ADC Block Diagram
The A/D converter multiplexes 4 different sources:
1. The battery voltage
2. The battery charge current
3. External source ADC1
4. External source ADC2
The voltage ranges for the first two sources are scaled to match the input voltage interval of the A/D converter:
[VREFH, 2VREFH]. This is accomplished by using two internal scalars.
42
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com