Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 3Page - Texas Instruments LP3913 Datasheet HTML 4Page - Texas Instruments LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
LI-ION BATTERY CHARGER ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VDD = 5.0V,VBATT = 3.6V, CBATT = 4.7 µF, CCHG_DET = 10 µF, RIREF = 121 kΩ. Typical values and
limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, TJ = 0°C to +125°C.
(1) (2) (3) (4) (5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VUSB
Minimum External USB
USB Current Limit = 500 mA
4.15
4.25
4.35
V
Supply Soltage
VUSB_HYST
USBPWR Detect
50
mV
Hysteresis
CHG_DET
Minimum External
Adapter Current Limit = 1A
Adapter Supply Voltage
VFWD Schottky = 350 mV
4.4
4.5
4.6
V
Range
VCHG_HYST
CHG_DET Input
150
mV
Hysteresis
IUSB_SUSP
Quiescent Current in USB USB Suspend Mode,
Suspend Mode
VUSB = 5.0V
30
60
µA
USBSUSP = USBPWR
USBISEL = 0V
VTERM_TOL
Battery Charge
TA = 25°C,
-0.35
4.2V
+0.35
Termination Voltage
IPROG = 500 mA
−0.5
4.1V
+0.5
Tolerance
ICHG = 50 mA
−0.5
4.38V
+0.5
%
TA = 0°C to 125°C,
−1
4.2V
+1
IPROG = 500 mA,
−1.5
4.1V
+1.5
ICHG = 50 mA
−1.5
4.38V
+1.5
ICHG_WA
Full-rate Charging Current CHG_DET = 5.25V
from Wall Adapter Input
VBATT = 3.6V
450
500
550
mA
(See Full-Rate Charging
IPROG = 500 mA
Mode)
ICHG_USB
Full-rate Charging Current USB = 5V
from USBPWR Input (See VBATT = 3.6V
450
500
550
mA
Full-Rate Charging Mode)
IPROG = 500 mA
USB_ISEL = 800 mA
USB = 5V
405
450
495
mA
VBATT = 3.6V
IPROG = 500 mA
USB_ISEL = 500 mA
USB ILIMIT
USB_ISEL = 100 mA
90
95
100
USB_ISEL= 500 mA
450
475
500
mA
USB_ISEL = 800 mA
720
760
800
IPREQUAL
Pre-qualification Current
VBATT = 2.5V, Wall Adapter
%
Charge Current.
8
10
12
Percentage of Programmed
Full Rate Current.
VBATT = 2.5V, USB Charge
40
50
60
mA
Current
VFULL_RATE
Full-rate Qualification
VBATT Rising, Transition from
Threshold
Pre-Qualification to Full-rate
2.75
2.85
2.95
V
Charging
VTH_H
Upper TS Comparator
2.82
2.87
2.93
V
Limit
VTH_L
Lower TS Comparator
45°C CHSPV Reg D3 = 0
0.315
0.33
0.345
V
Limit
50°C CHSPV Reg D3 = 1
0.255
0.27
0.285
ITSENSE
Battery Temperature
7.75
8.00
8.25
µA
Sense Current
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(5)
Typical values and limits appearing in normal type for TJ = 25°C. Limits appearing in boldfacetype apply over the entire junction
temperature range for operation,
−40°C to +125°C.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com