Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 33Page - Texas Instruments LP3913 Datasheet HTML 34Page - Texas Instruments LP3913 Datasheet HTML 35Page - Texas Instruments LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Li-Ion Cell
Q2
Q1
USBPWR
VDD
VBATT
CHG_DET
Adapter
USB
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Charge Status Indication
Two LEDs connected to the LP3913 are used to indicate the status of the charging. The CHG pin is connected to
a red LED that is enabled when an external power source is connected and the battery is charging. The second
STAT pin is connected to a green LED. When the battery charging transitions from CC to CV mode, then the
green LED is blinking with a 50% duty cycle and a period of 1 second. When the battery is fully charged, then the
green LED is always on.
Both LEDs are off when there is no external power connected.
Table 3. Truth Table for the LED Status Indicators
Condition
RED LED
GREEN LED
No Charger or USB
OFF
OFF
Charger off
ON
OFF
Pre-Qualification
ON
OFF
Constant Current CC
ON
OFF
Constant Voltage CV
ON
50% duty cycle
EOC / Top-OFF charging
ON
ON
Charge cycle complete
ON
ON
ERROR (Battery Temp, Thermal shutdown)
50% duty cycle
OFF
Safety Timer Expired
50% duty cycle
OFF
50% duty cycle indicates the LED is pulsed on/off for equal times at a frequency of 1 Hz.
The RED pin and GREEN pin are connected to a regulated driver to ensure that the brightness is independent
from the external power. The LEDs need to be connected between the CHG / STAT pins and GND.
Thermal Charger Power FET Regulation
The internal power FET Q2 in the linear charger module is thermally regulated to the junction temperature of
115°C to ensure optimal charging of the battery. The charge current is limited by the charge current selected in
the Charger Control Register but is also thermally limited to prevent the junction from overheating during high
charge currents at high ambient temperatures as the package power dissipation is limited.
Thermal regulation ensures maximum charge current and superior charge rate without exceeding the power
dissipation limits of LP3913.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com