Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 4Page - Texas Instruments LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments LP3913 Datasheet HTML 10Page - Texas Instruments LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
LI-ION BATTERY CHARGER ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, VDD = 5.0V,VBATT = 3.6V, CBATT = 4.7 µF, CCHG_DET = 10 µF, RIREF = 121 kΩ. Typical values and
limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, TJ = 0°C to +125°C.
(1)(2)(3)(4)(5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TREG
Regulated Charger
105
115
125
°C
Junction Temperature
DETECTION AND TIMING
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IEOC
End-of-Charge Current
IPROG = 500 mA,
40
50
60
mA
10% EOC Setting
IPROG = 500 mA
20
25
30
mA
5% EOC Setting
VRESTARTl
Battery Restart Charging
VTERM = 4.1V
3.82
3.9V
3.94
Voltage
VTERM = 4.2V
3.94
4.0V
4.06
V
VTERM = 4.38V
4.14
4.2 V
4.26
TCHG_IN
Deglitch Adapter Insertion
28
32
36
ms
TUSB
Deglitch USB Power
28
32
36
ms
Insertion
TPQ_FULL
Deglitch Time for Pre-
qualification to Full-rate
8
10
12
ms
Charge Transition
TFULL_PQ
Deglitch Time for Full-rate
to Pre-qualification
8
10
12
ms
Transition
TBATTLOWF
Deglitch Time for VBATT
Falling below VBATTLOW
4
5
6
ms
Threshold
TBATTLOWR
Deglitch Time for VBATT
Rising above VBATTLOW
4
5
6
ms
Threshold
TBATTEMP
Deglitch Time for Recovery
from Battery Temperature
8
10
12
ms
Fault
TONOFF_F
Deglitching on Falling
28
32
36
ms
Edge of ONOFF Pin
TONOFF_R
Deglitching on Rising Edge
28
32
36
ms
of ONOFF Pin
TRESTART
Deglitching on Falling
8
10
12
ms
VBATT Crossing VRESTART
TCCCV
Deglitching of CC->CV
8
10
12
ms
Charging Transition
TCvEOC
Deglitching of CV->EOC
8
10
12
ms
(End of Charge)
TPOWERACK
Deglitching of POWERACK
4
5
6
ms
Pin
TTSHD
Deglitching of Thermal
2
ms
Shutdown
TTOPOFF
Topoff Timer
17
21
25
min
T10HR
10 Hour Safety Timer
9
10
11
hours
T1HR
1 Hour Prequal Safety
0.9
1
1.1
hour
Timer
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com