Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments LP3913 Datasheet HTML 43Page - Texas Instruments LP3913 Datasheet HTML 44Page - Texas Instruments LP3913 Datasheet HTML 45Page - Texas Instruments LP3913 Datasheet HTML 46Page - Texas Instruments LP3913 Datasheet HTML 47Page - Texas Instruments LP3913 Datasheet HTML 48Page - Texas Instruments LP3913 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
ADC executes
conversion request
System CPU
services IRQ
CPU reads data
Start
cid
reg
data
start
stop
cid
reg
data
start
stop
Select adc source
End
CPU
sends next
start conversion
command
?
cid
reg
Cid/R
start
stop
start
reg
Y
N
I2C
transfers
CPU sends start
conversion command
to ADC
Conversion done
pulls down IRQB
line
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Interrupt Request Output
The LP3913 has the ability to interrupt the system processor through the open drain IRQB pin, which transitions
to an active logic low level upon the following 8 events:
•
USB Power detected
•
USB disconnected
•
CHG_IN Power detected
•
CHG_IN Disconnected
•
Battery low alarm
•
Thermal Alarm
•
ADC conversion completed
•
Charger safety timer time-out
The events form the interrupt sources that correspond to a certain bit location in the Interrupt Request (IRQ)
Register. All interrupt sources can be masked by the Interrupt Mask Register (IMR). Masking the interrupt
prevents the interrupt event from asserting the IRQB pin, yet the event will still be captured in the IRQ register,
which allows the processor to poll the interrupt sources.
After an active low IRQB has been detected by the system processor, the latter services the interrupt and will
access the IRQ register to determine which source was responsible for the interrupt request. Reading the IRQ
register will automatically clear the register to enable the capture of the next interrupt events.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com