Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 57Page - Texas Instruments LP3913 Datasheet HTML 58Page - Texas Instruments LP3913 Datasheet HTML 59Page - Texas Instruments LP3913 Datasheet HTML 60Page - Texas Instruments LP3913 Datasheet HTML 61Page - Texas Instruments LP3913 Datasheet HTML 62Page - Texas Instruments LP3913 Datasheet HTML 63Page - Texas Instruments LP3913 Datasheet HTML 64Page - Texas Instruments LP3913 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Resistors
Battery Thermistor
The LP3913 battery thermistor bias provided by the TS pin is tailored to thermistors with the following
specification:
•
Negative Temperature Coefficient
•
100 k
Ω resistance
A suitable solution is available from AVX thermistors:
AVXNB21250104 http://www.avxcorp.com/docs/Catalogs/nb21-23.pdf
I2C Pullup Resistors
I2C_SDA, I2C_SCL terminals need to have pullup resistors connected to the VDDIO pin. VDDIO must be connected
to a power supply that is less than or equal to VDD, such as Buck2. The values of the pull-up resistors (typ. ≈1.8
k
Ω) are determined by the capacitance of the bus. Too large of a resistor combined with a given bus capacitance
will result in a rise time that would violate the max rise time specification. Too small of a resistor will result in a
contention with the pull-down transistor on either slave(s) or master.
RIREF Resistor
The current through this resistor is used as a reference current that biases many analog circuits inside the
LP3913 and needs to have a resistance of 121 k
Ω ±1%
RISENSE Resistor
The current through this resistor is used as a reference current for the charge current. The accuracy of the ADC
is dependent on the tolerance of this resistor. RISENSE needs to have a resistance of 4.64 kΩ ±1% tolerance.
Operation without I2C Interface
Operation of the LP3913 without the I2C interface is possible if the system can operate with default values for the
DC/DC converters and the charger. (Read below: Factory programmable options). The I2C-less system must use
the POWERACK pin to power cycle the LP3913.
I2C Master Power Concern
The processor that contains the I2C master should be powered by BUCK1 or LDO2 as these converters require
no I2C access to enable/disable them. If the I2C master were to be powered by a DC/DC converter that is
enable/disabled through a control register, then a corrupted application software execution could by accident
disable the power to the I2C master, which in this case has no means to recover. It is possible that the regulator
connected to VDDIO could accidentally disable, in which case the processor should be able to recognize that
communication has been broken and then power down the system to allow for a clean restart.
System Operation When the Load Current Exceeds the USB or Adapter Current Limit
In the event that the system requires current that exceeds the current limit of either the USB or the adapter
source, then the battery can provide the extra power provided that it has been charged. It is clear that a long
sustained overload will eventually discharge the battery such that its extra power will no longer be sufficient to
properly operate the system. This will be the case when the system is for instance operated from a USB host
with a 100 mA current limit.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com