Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 30Page - Texas Instruments LP3913 Datasheet HTML 31Page - Texas Instruments LP3913 Datasheet HTML 32Page - Texas Instruments LP3913 Datasheet HTML 33Page - Texas Instruments LP3913 Datasheet HTML 34Page - Texas Instruments LP3913 Datasheet HTML 35Page - Texas Instruments LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
ADR6
bit7
MSB
R/W
LSB
1
1
0
0
0
0
0
ADR5
bit6
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR1
bit1
ADR4
bit5
bit0
I
2
C SLAVE address (chip address)
I2C_SDA
S
P
S TART condition
STO
Pcondition
I2C_SCL
I2C_SCL
I2C_SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
Figure 59. I2C Signals: Data Validity
I2C START and STOP Conditions
START and STOP bits classify the beginning and the end of the I2C session. The START condition is defined the
as the I2C_SDA signal transitioning from HIGH to LOW while SCL line is HIGH. The STOP condition is defined
as the SDA transitioning from LOW to HIGH while I2C_SCL is HIGH. The I2C master always generates START
and STOP bits. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
Figure 60. START and STOP Conditions
Transferring Data
Every byte put on the I2C_SDA line must be eight bits long, with the most significant bit (MSB) being transferred
first. Each byte of data has to be followed by an acknowledge bit. The acknowledged related clock pulse is
generated by the master. The transmitter releases the I2C_SDA line (HIGH) during the acknowledge clock pulse.
The receiver must pull down the I2C_SDA line during the 9th clock pulse, signifying acknowledgement. A receiver
which has been addressed must generate an acknowledgement (“ACK”) after each byte has been received.
Register Write Cycle
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). For the eighth bit, a “0” indicates a WRITE and a “1” indicates a
READ. The second byte selects the register to which the data will be written. The third byte contains data that
will be written to the selected register.
LP3913 has a chip address of 60’h, which is set by a metal mask option.
Figure 61. I2C Chip Address
34
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com