Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 11Page - Texas Instruments LP3913 Datasheet HTML 12Page - Texas Instruments LP3913 Datasheet HTML 13Page - Texas Instruments LP3913 Datasheet HTML 14Page - Texas Instruments LP3913 Datasheet HTML 15Page - Texas Instruments LP3913 Datasheet HTML 16Page - Texas Instruments LP3913 Datasheet HTML 17Page - Texas Instruments LP3913 Datasheet HTML 18Page - Texas Instruments LP3913 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
JUNCTION TEMPERATURE (°C)
520
500
480
460
440
420
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
55.0
53.0
51.0
49.0
47.0
45.0
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
600
500
400
300
200
100
0
80
90
100
110
120
130
Active Thermal Regulation
VBATT = 3.5V
VDD = 5V
CHG_DET (V)
540
520
500
480
460
440
4.0
4.5
5.0
5.5
6.0
125°C
25°C
0°C
JUNCTION TEMPERATURE (°C)
540
520
500
480
460
440
0
25
50
75
100
125
150
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS — BATTERY CHARGER (continued)
TA = 25°C unless otherwise noted
ICHG vs. CHG_DET
ICHG vs. Temperature
VBATT = 3.5V, CC
CHG_DET = 5V, VBATT = 3.75V, CC
Figure 8.
Figure 9.
ICHG vs. Temperature
CHG_DET = 5V, VBATT = 2.5V, Prequal
Thermal Regulation of Charge Current
Figure 10.
Figure 11.
USB ILIMIT vs. Temperature
Figure 12.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com