Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 63 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 59Page - Texas Instruments LP3913 Datasheet HTML 60Page - Texas Instruments LP3913 Datasheet HTML 61Page - Texas Instruments LP3913 Datasheet HTML 62Page - Texas Instruments LP3913 Datasheet HTML 63Page - Texas Instruments LP3913 Datasheet HTML 64Page - Texas Instruments LP3913 Datasheet HTML 65Page - Texas Instruments LP3913 Datasheet HTML 66Page - Texas Instruments LP3913 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Connect the buck ground and the ground of the capacitors together using generous component-side copper fill
as a pseudo-ground plane. Then connect this back to the general board system ground plane at a single point.
Place the pseudo-ground plane below these components and then have it tied to system ground of the output
capacitor outside of the current loops. This prevents the switched current from injecting noise into the system
ground. These components along with the inductor and output should be placed on the same side of the circuit
board, and their connections should be made on the same layer.
Route the noise sensitive traces such as the voltage feedback path away from the inductor. This is done by
routing it on the bottom layer or by adding a grounded copper area between switching node and feedback path.
Noisy traces between the power components and keep any digital lines away from this section. Keep the
feedback node as small as possible so that the ground pin and ground traces will shield it from the SW or buck
output.
Use wide traces between the power components and for power connections to the DC-DC converter circuit. This
reduces voltage errors caused by resistive losses.
Thermal Performance of the WQFN Package
The LP3913 is a monolithic device with integrated power FETs. For that reason, it is important to pay special
attention to the thermal impedance of the WQFN package and to the PCB layout rules in order to maximize
power dissipation of the WQFN package.
The WQFN package is designed for enhanced thermal performance and features an exposed die attach pad at
the bottom center of the package that creates a direct path to the PCB for maximum power dissipation.
Compared to the traditional leaded packages where the die attach pad is embedded inside the molding
compound, the WQFN reduces one layer in the thermal path.
The thermal advantage of the WQFN package is fully realized only when the exposed die attach pad is soldered
down to a thermal land on the PCB board with thermal vias planted underneath the thermal land. Based on
thermal analysis of the WQFN package, the junction-to-ambient thermal resistance (
θJ) can be improved by a
factor of two when the die attach pad of the WQFN package is soldered directly onto the PCB with thermal land
and thermal vias, as opposed to an alternative with no direct soldering to a thermal land. Typical pitch and outer
diameter for thermal vias are 1.27 mm and 0.33 mm, respectively. Typical copper via barrel plating is 1 oz.,
although thicker copper may be used to further improve thermal performance. The LP3913 die attach pad is
connected to the substrate of the IC and therefore, the thermal land and vias on the PCB board need to be
connected to ground (GND pin).
For more information on board layout techniques, refer to Application Note AN-1187 Leadless Leadframe
Package (LLP) (SNOA401).
This application note also discusses package handling, solder stencil, and the assembly process.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com