Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 26Page - Texas Instruments LP3913 Datasheet HTML 27Page - Texas Instruments LP3913 Datasheet HTML 28Page - Texas Instruments LP3913 Datasheet HTML 29Page - Texas Instruments LP3913 Datasheet HTML 30Page - Texas Instruments LP3913 Datasheet HTML 31Page - Texas Instruments LP3913 Datasheet HTML 32Page - Texas Instruments LP3913 Datasheet HTML 33Page - Texas Instruments LP3913 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
PON Register (00)h Power On Event Register
D7–5
D4
D3
D2
D1
D0
Access
Read Only 0
rw
Read Only
Data
Reserved
PACK
Battery Insert
PON by ONOFF
PON by CHG_IN
PON by USB
Power
0: Disable Power,
0: default
0: default
0: default
0: default
go in standby, and
wait for power on
event.
1: Acknowledge
1: Battery Insert
1: ONOFF caused 1: Power On
1: Power On
Power On request caused by Battery
Power On event
caused by
caused by USB
Insertion
CHG_IN power
power detection
detection
Reset
n/a
0
0
0
0
0
External Power and Battery Detection
When a Wall Adapter is detected, regardless of the battery voltage, the LP3913 moves to the Active Mode and
the Power-up sequencer is started. Similar to the ONOFF pin, there is a 32 ms deglitch time to ensure a clean
wall adapter detection and the system processor needs to set the PACK bit (D4) in the PON register or the
POWERACK pin within 128 ms (max) of the start of the power-up sequencer.
When USB PWR is detected and the battery is above the low battery alarm threshold, the LP3913 moves to the
Active Mode and the Power-up sequencer is started. Similar to the ONOFF pin, there is a 32 ms deglitch time to
ensure a clean USB detection and the system processor needs to set the PACK bit (D4) in the PON register or
the POWERACK pin within 128 ms (max) of the start of the power-up sequencer. If the battery is below the low
battery alarm threshold, the system will remain powered down until the USBPWR charges the battery up to the
battery low alarm threshold, at which point the power-up sequencer is started.
The four LSB bits of the PON register indicate which PON source was responsible for moving the LP3913 out of
standby and into active mode:
•
Battery insert
•
ONOFF push button
•
CHG_IN detect (connection of power adapter)
•
USB power (plug-in of powered USB cable)
These bits are cleared upon powering off.
30
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com