Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 1 Page - Texas Instruments

  LP3913 Datasheet HTML 1Page - Texas Instruments LP3913 Datasheet HTML 2Page - Texas Instruments LP3913 Datasheet HTML 3Page - Texas Instruments LP3913 Datasheet HTML 4Page - Texas Instruments LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
LP3913 Power Management IC for Flash Memory-Based Portable Media Players
Check for Samples: LP3913
1
FEATURES
APPLICATIONS
2
•
2 Low-Dropout Regulators -- LDO1 is Used for
•
Flash-Based Portable Media Players
General Purpose Applications, LDO2 is Used
•
Portable Gaming Devices
for Low-Noise Analog Applications. Both
•
Portable Navigation Systems
LDOs Have Programmable Output Voltages.
•
Green and Red LED Charger Status Drivers
DESCRIPTION
•
4-Channel 8-Bit Dual Slope A/D Converter
The LP3913 is a programmable system power
management unit that is optimized for Flash Memory
•
3 High-Efficiency DVS Buck Converters
based Portable Media Players.
•
400 kHz I2C Compatible Interface
The LP3913 incorporates 2 low-dropout LDO voltage
•
Linear Constant-Current/Constant-Voltage
regulators, 3 integrated Buck DC/DC converters with
Charger for Single Cell Lithium-Ion Batteries
Dynamic Voltage Scaling (DVS), a 4-channel 8-bit
•
USB and Adapter Charging
A/D converter, and a dual source Li-Ion/polymer
•
System Power Supply Management
battery charger. The charger has the capability to
charge and maintain a single cell battery from a
•
6x6 x 0.8 mm 48 WQFN Package
regulated wall adapter or USB power. When both
•
Voltage and Thermal Supervisory Circuits
USB and adapter sources are present, then the
•
Continuous Battery Voltage Monitoring
adapter source takes precedence and switching
between
USB
and
adapter
power
sources
is
•
Interrupt Request Output with 8 Sources
seamless. In addition, the battery charger supports
•
LP3913 is Pin-for-Pin and Software-Compatible
power
routing,
which
allows
system
usage
with the LP3910 Hard Drive Based PMIC
immediately after an external power source has been
detected.
The
LP3913
also
incorporates
some
KEY SPECIFICATIONS
advanced battery management functions such as
battery temperature measurement, reverse current
•
LDO1: 150 mA, 1.2V–3.3V
blocking for USB, LED charger status indication,
•
LDO2: 150 mA, 1.3V–3.3V
thermally regulated internal power FETs, battery
•
Buck1: 600 mA, 0.8V–2.0V
voltage monitoring, over-current protection and a
10–hour safety timer.
•
Buck2: 600 mA, 1.8V–3.3V
•
Buck3: 500 mA, 1.8V–3.3V
The 4-channel A/D converter measures the battery
voltage and charge current, which can be used for
•
50 m
Ω Battery Path Resistance
fuel gauging. Two undedicated channels can be used
•
100 mA to 1000 mA Full-Rate Charge Current
to
measure
other
analog
parameters
such
as
Using Wall Adapter
discharge current, battery temperature, keyboard
•
Selectable 0.05C and 0.1C EOC Current
resistor scanning and more.
•
USB Current Limit of 100 mA, 500 mA, and 800
The
various
IC
parameters
are
programmable
mA
through a 400 kHz I2C compatible interface.
•
USB Pre-Qual Current of 50 mA
The LP3913 is available in a thermally-enhanced
•
Selectable 4.1V, 4.2V or 4.38V battery
6x6x0.8 mm 48 WQFN package and operates over
termination voltages
an ambient temperature range of –40°C to +85°C.
•
0.35% Battery Termination Accuracy
•
±1 LSB INL/DNL on 8-bit A/D Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3910 TI1-LP3910 Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
LP3910SQ-AA/NOPB TI1-LP3910SQ-AA/NOPB Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
LP3910SQ-AK/NOPB TI1-LP3910SQ-AK/NOPB Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
logo
Texas Instruments
LP3910SQ-AN/NOPB TI1-LP3910SQ-AN/NOPB Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
More results

Similar Description - LP3913

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3807A FUJITSU-MB3807A Datasheet
123Kb / 15P
Power Management Switching IC (with flash memory power switching function)
logo
Maxim Integrated Produc...
MAX1702B MAXIM-MAX1702B Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Micrel Semiconductor
MIC2214 MICREL-MIC2214 Datasheet
233Kb / 11P
Portable Power Management IC
MIC2213 MICREL-MIC2213 Datasheet
234Kb / 11P
Sequenced Portable Power Management IC
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
logo
Micrel Semiconductor
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
Multi-Channel Power Management IC for Portable Device
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Texas Instruments
LP3910 TI1-LP3910 Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
logo
STMicroelectronics
LD39130S STMICROELECTRONICS-LD39130S Datasheet
3Mb / 27P
Portable media players
20-Jan-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com