Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 29Page - Texas Instruments LP3913 Datasheet HTML 30Page - Texas Instruments LP3913 Datasheet HTML 31Page - Texas Instruments LP3913 Datasheet HTML 32Page - Texas Instruments LP3913 Datasheet HTML 33Page - Texas Instruments LP3913 Datasheet HTML 34Page - Texas Instruments LP3913 Datasheet HTML 35Page - Texas Instruments LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
ONSTAT
VBUCK1
NRST
PowerACK
VBUCK2
or
ONOFF
External Events
Power Down Caused by Expiring PowerACK deadline
x
(If LDO2ENB is logic 1 during NRST Low,
otherwise LDO2 are pin or register enabled)
VLDO1, VLDO2
VBUCK3
PowerACK deadline (expired)
CHG_DET/USBPWR
(From Microprocessor)
(Bit D4 in PON register and
POWERACK pin)
(To Microprocessor)
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Figure 58. Power Down Caused by Expiring PowerACK Deadline
Transition from Charger Standby Mode to Either Active or Standby Mode
While in Charger Standby mode, the battery is charged using the default values of IPROG, EOC, VTERM, Batt Temp
Range and USB ISEL. In Charger Standby mode, all the regulators and the I
2C are disabled. A new power-on
event is required to transition back to Active Mode. Removing the charger during Charger Standby Mode causes
a transition back to Standby Mode.
I2C-Compatible Serial Interface
I2C Signals
The LP3913 features an I2C compatible serial interface, using two dedicated pins: I2C_SCL and I2C_SDA for I2C
clock and data respectively. Both signals need a pull-up resistor according to the I2C specification. The LP3913
interface is an I2C slave that is clocked by the incoming SCL clock.
Signal timing specifications are according to the I2C bus specification. The maximum bit rate is 400 kbit/s. See
I2C specification from Philips for further details.
I2C Data Validity
The data on I2C_SDA line must be stable during the HIGH period of the clock signal (I2C_SCL), e.g., the state of
the data line can only be changed when CLK is LOW.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com