Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments LP3913 Datasheet HTML 43Page - Texas Instruments LP3913 Datasheet HTML 44Page - Texas Instruments LP3913 Datasheet HTML 45Page - Texas Instruments LP3913 Datasheet HTML 46Page - Texas Instruments LP3913 Datasheet HTML 47Page - Texas Instruments LP3913 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
LP3913
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
www.ti.com
ADCC Register (0a)h A/D Converter Control Register
D7
D6
D5
D4
D3
D2
D1–0
Access
r/w
r/w
Read Only
r/w
r/w
Data
VRANGE
IRANGE
ADC Overflow Data Ready
Start
ADC Enable
ADC source
Conversion
selection
0: 2.6V–3.5V
0: 0 mA–605 mA
0: no overflow
0: no data
0: default
0: Disabled
00: battery voltage
1: 2.6V–4.4V
1: 0 mA–1100 mA
1: overflow
1: data ready
1: start
1: Enabled
01: battery charge
conversion
current
10: ADC1
11: ADC2
Reset
0
0
0
0
0
0
0
ADCD Register (0b)h A/D Converter Output Data Register
Charge current 0A to 1.1A mirrored to 0 µA to 250 µA, ADC measures voltage drop across RSENSE 4.64 kΩ.
D7–0
Access
Read Only 0
Data
Battery voltage:
8’h00 = 2.6V
8’hFF = 3.5V
1 LSB = 0.9 / 256 = (3.5
mV) range 0
8’h00= 2.6V
8’hFF = 4.4V
1 LSB = 1.8 / 256 = (7.0
mV) range 1
Battery charge current 8’h00 = 0
8’hFF = 0.6463V = 605 mA
range 0
8’h00 = 0
8’hFF = 1.175V = 1100 mA
range 1
ADC1:
8’h00 = VREFH = 1.225V
8’hFF = 2*VREFH = 2.45 V
(1 LSB = VREFH/256)
ADC2:
8’h00 = VREFH = 1.225V
8’hFF = 2*VREFH = 2.45 V
(1 LSB = VREFH/256)
Reset
8’h00
The ADC is by default disabled to minimize current consumption and needs to be enabled by setting D2 in the
ADCC register. Writing a logic 1 to bit D3 in the ADC will initiate a conversion. It is advised to select the correct
ADC source before a conversion is started. The A/D converter will set bit D4 in the ADCC register upon the
completion of a conversion, which is typically 4 ms after the start of the conversion. At the same time an interrupt
request will be generated. (See IRQ Register (0d)h Interrupt Request Register).
To save power, disable the ADC by setting bit 2 of D2 to 0. To make repetitive starts, set bit D3 to 0 then to 1 for
register 0Ah to initiate start of conversion. The interrupt driven protocol between LP3913 and the system
processor is the most efficient way to acquire data from successive measurements:
44
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com