Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 5 Page - Texas Instruments

  LP3913 Datasheet HTML 1Page - Texas Instruments LP3913 Datasheet HTML 2Page - Texas Instruments LP3913 Datasheet HTML 3Page - Texas Instruments LP3913 Datasheet HTML 4Page - Texas Instruments LP3913 Datasheet HTML 5Page - Texas Instruments LP3913 Datasheet HTML 6Page - Texas Instruments LP3913 Datasheet HTML 7Page - Texas Instruments LP3913 Datasheet HTML 8Page - Texas Instruments LP3913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3) (4)
Supply voltage range CHG_DET
−0.3V to +6.5V
Voltage range USBPWR,
VIN1,VIN2,VIN3,VIN4, VDD1,VDD2,VDD3
−0.3V to +6.2V
Battery voltage range VBATT1, 2, 3
−0.3V to +5V
All other pins
−0.3V to VDD +0.3V
Storage Temperature Range
−45ºC to +150ºC
Power Dissipation (TA = 70°C
(5)):
2.6W
ESD Rating (6)
Human Body Model:
2.0 kV
Machine Model:
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP − (θJA × PD-MAX).
(4)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 140°C (typ.).
(6)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7.
RECOMMENDED OPERATING CONDITIONS
(1) (2) (3)
CHG_DET
4.5V to 6.0V
USBPWR
4.35V to 6.0V
VBATT1, 2, 3
0V to 4.5V
VIN1, VIN2, VIN3, VIN4, VDD1, VDD2, VDD3
2.5V to 6.0V
VDDIO
2.5V to VDD
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
−40°C to +85°C
Power Dissipation for TJjMAX and TAMAX
1.6W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
Typical values and limits appearing in normal type for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation,
−40°C to +125°C.
THERMAL INFORMATION
(1)
Junction-to-Ambient Thermal Resistance (
θJA),
25°C/W
48-pin WQFN NJV0048A Package (2)
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP − (θJA × PD-MAX).
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com