Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3913 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 35Page - Texas Instruments LP3913 Datasheet HTML 36Page - Texas Instruments LP3913 Datasheet HTML 37Page - Texas Instruments LP3913 Datasheet HTML 38Page - Texas Instruments LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments LP3913 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
+
-
+
-
hiRef
loRef
Ts
ntc
Logic
charger
control
Battery discharge
Constant Voltage Charging
0V
Battery charge current
Battery voltage
Time
Full Rate
CV
Full Rate
Topoff
RED LED
GREEN LED
ON
OFF
ON
ON
ON
ON
OFF
End-Of-Charge
(EOC)
50% Duty cycle
Pre-qualification
2.85V
Charging restart voltage
3.9V, 4.0V or 4.2V
Termination voltage
4.1V, 4.2V or 4.38V
1.0C
0.1 C PREQUAL CURRENT
0.05 C EOC CURRENT
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Battery Temperature Monitoring (TS pin)
The LP3913 is equipped with a battery thermistor terminal to continuously monitor the battery temperature by
measuring the voltage between the TS pin and GND. With the TS pin connected to the battery thermistor,
charging is allowed only if the battery temperature is within the acceptable temperature range set by a pair of
internal comparators inside the LP3910. The temperature window is 0°C–45°C or 0°C–50°C, depending on the
setting of D2 of the Charger Supervisory (CHSPV) register. There is 3ºC of temperature hysteresis associated
with each temperature threshold. The default temperature range is 0°C–50°C and can be changed to 0°C–45°C
by setting bit D3 in the CHSPV register. If the battery temperature is out of range, STAT2, STAT1 and STAT0
bits in the CHSPV Register are set to logic1, logic0, logic0, and charging is suspended.
The TS pin is only active during charging and draws no current from the battery when no external power source
is present.
If the TS pin is not used in the application, it should be connected to GND through a 100 kΩ pulldown resistor.
When the TS pin is left floating (battery removal), then the charger will be disabled as the TS voltage exceeds the
lower temperature limit.
Disabling Charger
Charging can be safely interrupted by clearing the Charge enable bit D1 in the Charge Control Register and can
subsequently resume upon setting this bit. When the charger is disabled, STAT2, STAT1, and STAT0 bits in the
CHSPV register are set to logic 0.
Safety Timer
In order to prevent endless charging, which could degrade the battery quality and life time, the LP3913 contains
a safety timer that limits charging regardless whether the battery has reached its full capacity or not. In
prequalification the safety timer is 1 hour. In full rate or constant voltage charging the safety timer is a maximum
of 10 hours minus the time in prequalification.
When the timer times out of uninterrupted charging, an IRQ is generated to alert system processor. The status of
the timer can also be polled by reading the IRQ register if the system doesn’t support hardware interrupts.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com